Electronic Components Datasheet Search
  English  ▼

X  

WS3232 Datasheet(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3232
Description  WS3232 High PF PSR Constant Current LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3232 Datasheet(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3232 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3232 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3232 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3232 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3232 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3232 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3232 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
5/7
WS
WS
WS
WS3232
3232
3232
3232
F
F
F
Function
unction
unction
unction Description
Description
Description
Description
WS3232 is a high PF offline QR PSR controller, optimized
for
low
power
LED
driver.
WS3232
operates
in
primary-side
sensing
and
regulation.
Consequently,
opto-coupler and TL431 could be eliminated, thus reduce
the cost.
Startup
Startup
Startup
Startup Current
Current
Current
Current
Startup current of WS3232 is designed to as low as 60uA.
The VCC capacitor will be charged through the start-up
resistor when the system is powered on. Once the VCC
voltage reaches the start-up threshold, the WS3232 will
start to switch. The WS3232 integrates a 15V zener for
VCC clamping. Due to the ultra-low operating current, the
auxiliary winding is not need to supply the IC.
Quasi-Resonant
Quasi-Resonant
Quasi-Resonant
Quasi-Resonant Operation
Operation
Operation
Operation
Quasi-Resonant switching mode is applied in WS3232.
When the voltage across drain and source of the primary
MOSFET is at voltage valley, the MOSFET would be
turned on, reducing the switching losses and improving
EMI performance.
CC
CC
CC
CC Operation
Operation
Operation
Operation
WS3232 is designed to
produce good CC control
characteristic. In DCM mode, the output current Io can be
represented b y,
Io=0.5*Ips*Tons/T
Where Ips is the peak current of the secondary side; Tons
is the turn on time of secondary side; T is the switching
period.
Ips=Ipp*Nps=(Vcs/Rcs)*Nps
Where Ipp is the primary peak current; Vcs is the voltage
on CS resistor; Rcs is primary current detection resistor;
Nps is the turns ratio of primary to secondary of the
flyback transformer. The relationship of Vcs, To ns and T is
controlled
to
be
constant
by
internal
circuit,
3*Vcs*Tons/T=0.5V. Thus, Io can be represented b y,
Io=0.5*(Vcs/Rcs)*Nps*Tons/T
=(Vcs*Tons/T)*0.5*(Nps/Rcs)
=0.083*(Nps/Rcs)
Once the parameters of the transformer and the current
sense resistor Rcs is determined, so is the output current.
And the output current can be set by adjusting the current
sense resistor Rcs.
Internal
Internal
Internal
Internal pre-charge
pre-charge
pre-charge
pre-charge design
design
design
design for
for
for
for quick
quick
quick
quick start
start
start
start up
up
up
up
After VCC exceeds UVLO_ON, Vcomp is pre-charged by
an internal current source. The PWM block will not start to
output PWM signals until Vcomp is over 0.45V. Such
design is meant to reduce the start up time. The voltage
pre-charged Vcomp
in
start-up
procedure
can be
programmed b y,
Vcomp=0.4V-300uA*Rcomp
Where Rcomp is the series resistor of Comp pin.
Operation
Operation
Operation
Operation switching
switching
switching
switching frequency
frequency
frequency
frequency
The frequency of WS3232 is decided by load condition
and QR mode. When the output power decreases, the
switching frequency can become rather high. The
maximum switching frequency in WS3232 is internally
limited to 120Khz.
Current
Current
Current
Current Sensing
Sensing
Sensing
Sensing and
and
and
and Leading
Leading
Leading
Leading Edge
Edge
Edge
Edge Blanking
Blanking
Blanking
Blanking
Cycle-by-Cycle current limiting is offered in WS3232. The
switch current is detected by a sense resistor into the
sense pin. An internal leading edge blanking circuit chops
off the sense voltage spike at initial MOSFET on state due
to snubber diode reverse recovery so that the external RC
filtering on sense input is no longer required. The current
limit comparator is disabled and thus cannot turn off the
external MOSFET during the blanking period.
Protection
Protection
Protection
Protection Controls
Controls
Controls
Controls
Excellent
system
stability
is
achieved
by
the
comprehensive protection of WS3232. Including



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com