Electronic Components Datasheet Search
  English  ▼

X  

WS3256 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3256
Description  High Precision Primary-Side Off-line PWM Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3256 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3256 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
W/T-D021-Rev.A/1 May.2014
1113
WS3256 Product Description
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
WINSEM I
M ICROELECTRONICS
Features
Features
Features
Features
�
5uA ultra-low startup current
�
2mA Low operating current
�
±5% Constant Voltage Regulation at Universal AC
input
�
Primary-side Sensing and Regulation Without TL431
and Opto-coupler
�
Programmable CV and CC Regulation
�
Built-in Primary winding inductance compensation
�
Programmable cable drop compensation
�
Built-in soft start
�
�
�
�
Built-in Leading-edge blanking
�
Cycle by cycle over current protection (OCP)
�
VCC
over
voltage
clamp
&
under
voltage
lockout( UVLO)
�
Maximum Gate output voltage clamped at 12V
�
Frequency jittering
�
Ultra low standby power (<100mW)
Applications
Applications
Applications
Applications
Low power AC/DC offline SMPS for
�
Cell Phone Charger
�
Digital Cameras Charger
�
Small Power Adapter
�
Auxiliary Power for PC, TV etc.
�
Linear Regulator/RCC Replacement
General
General
General
General Description
Description
Description
Description
WS3256 is a high-integrated offline PWM controller,
optimized for high performance low power AC/DC charger
and adapter application.
WS3256 operates in primary-side sensing and regulation.
Consequently, optocoupler and TL431 could be eliminated,
thus reduce the cost. It can achieve ±5% constant voltage
precision in full input voltage range. CC/CV Control as
shown in fig.1.In CC Control, the current and output power
setting can be adjusted externally by the sense resistor Rs
at CS pin. In CV control, multi-mode operations are utilized
to achieve high performance and high efficiency. In
addition, good load regulation is achieved by the built-in
cable drop compensation. Device operates in PFM in CC
mode as well at large load condition and it operates in
PWM with frequency reduction at light/medium load.
Fig.1 Typical CC/CV Curve
WS3256 offers power on soft start control and protection
coverage with auto-recovery features
including Cycle-by-Cycle current limiting, VCC
OVP, VCC clamp and UVLO. The gate-driven output is
clamped to maximum 12V to protect the internal MOSFET.
Excellent EMI performance is achieved by using the
soft-switching
and
frequency
jittering
at
the
totem-pole-gate-drive output. The WS3256 is the ideal
substitute of the linear power supply or the RCC-mod e
power, for a better performance of the whole switch power
system and a lower cost.
WS3256 is available in DIP-8 package.
High
High
High
High Precision
Precision
Precision
Precision Primary-Side
Primary-Side
Primary-Side
Primary-Side Off-line
Off-line
Off-line
Off-line PWM
PWM
PWM
PWM Power
Power
Power
Power Switch
Switch
Switch
Switch
V o
I o
5 %
I c c


Similar Part No. - WS3256

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3252 WINSEMI-WS3252 Datasheet
440Kb / 8P
WS3252 High Precision CC/CV Primary-Side PWM Controller
WS3253 WINSEMI-WS3253 Datasheet
266Kb / 11P
High Precision Primary-Side Off-line PWM Power Switch
WS3254 WINSEMI-WS3254 Datasheet
238Kb / 10P
High Precision Primary-Side Off-line PWM Power Switch
WS3255D8P WINSEMI-WS3255D8P Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
More results

Similar Description - WS3256

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3253 WINSEMI-WS3253 Datasheet
266Kb / 11P
High Precision Primary-Side Off-line PWM Power Switch
WS3254 WINSEMI-WS3254 Datasheet
238Kb / 10P
High Precision Primary-Side Off-line PWM Power Switch
WS3255D8P WINSEMI-WS3255D8P Datasheet
233Kb / 9P
High Precision Primary-Side Off-line PWM Power Switch
logo
Unisonic Technologies
UCSR3651S UTC-UCSR3651S Datasheet
248Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3654S UTC-UCSR3654S Datasheet
223Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSR100 UTC-UPSR100_15 Datasheet
211Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3651 UTC-US3651 Datasheet
205Kb / 8P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3652 UTC-US3652 Datasheet
231Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3652 UTC-USR3652 Datasheet
238Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com