Electronic Components Datasheet Search
  English  ▼

X  

WS3413 Datasheet(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3413
Description  WS3413 Active PFC Non-isolated Buck LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3413 Datasheet(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3413 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/8
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WS3413 Product Description
Function
Function
Function
Function Description
Description
Description
Description
The WS3413 is designed for active PFC non-isolated buck
LED driver, which integrates 500V power MOSFET and
using DIP8 package, producing up to 260mA output current.
It operates under
valley switching mode, automatically
adapting to the variation of the inductance and the output
voltage.
It
can
achieve
excellent
constant
current
performance with very few external components.
Start
Start
Start
Start up
up
up
up
The start current is very low, Typ. 70uA(Max. 100uA). Under
the design system of 85VAC, the startup resistor is:
M
R
2
.
1
100
2
*
85
=
=
C
C
C
Chip
hip
hip
hip Supply
Supply
Supply
Supply
After startup, the output voltage should supply the chip,
rectifier diodes D6 need to use fast recovery diodes.Current
limiting resistor R4 is calculated as:
(
)
uA
V
D
R
LED
400
9
*
1
4
−
−
=
Where, D is duty cycle, 400uA is the normal operation
current of the chip, Vled is output load voltage. The
consumption of R4 is:
(
)
)
1
(
*
9
4
2
4
D
R
V
P
LED
R
−
−
=
For example:
Requirements:180~260V input voltage, 36~80V output,
240mA output current.
The R4 design of above program should be met:
1. Supply Problem when Min. input AC voltage 180V and
Min. output voltage 36V(which is the weakest power supply):
D=36/180/1.414=0.141,R4=(1-0.141)*(36-9)/400uA=58k
2.Power consumption problem of R4 when Max. input AC
voltage 260V and Max. output voltage 80V(which is the
strongest power supply):
D=80/260/1.414=0.218
The power consumption of R4:
P=(80-9)*(80-9)/58*(1-0.218)=68mW
Sence
Sence
Sence
Sence Resistor
Resistor
Resistor
Resistor
The WS3413 is designed for active PFC non-isolated buck
LED driver. It operates under
valley switching mode and
can achieve high accuracy constant current performance
with very few external components. The peak current of
inductor is continuous detected. CS terminal is connected
internal of the chip, and compared with the internal 200mV.
Internal Amplifier’s output COMP adjust the on-time, making
the average value os CS equal to 200mV after the system is
stable. In addition, a 1V cycle-by-cycle over current
protection is set up inside CS pin.
LED output current:
CS
LED
R
V
I
2
.
0
=
FB
FB
FB
FB Voltage
Voltage
Voltage
Voltage Detection
Detection
Detection
Detection
FB voltage determines the working status of the system,
when
FB
is
greater
then
1.6V(typ.),
WS3413
will
automatically considered as output over voltage protection.
The system will enter extremely energy efficient hiccup
mode. Output over voltage protection voltage as follows:
3
3
2
*
6
.
1
R
R
R
V
OVP
+
=
R2,R3,please refer to the typical application diagram, in
which R3=1k(no more than 2k). use 1.3 instead of constant
1.6 in the above formula in the design of system. Assuming
Vovp=90V, we got R2=56k from the above formula,
choosing 60k for R2 (larger as far as possible).
Because VFB2 is between 1.3 and 1.9, choose 1.9 to
calculate the withstand voltage of C4,
Vovp=1.9*(1+60)/1=116V
The withstand voltage of C4 shoule larger than the above
value, 200V capacitor could be used.
The WS3413 uses the patent source driver structure. The
typical operation current is as low as 200uA, the auxiliary
winding is not need. So the system design is simple and the
cost is low.
WS3413 will automatic detect the output voltage when
enters hiccup mode; and will re-enter the normal working
state when the output voltage is lower than Vovp.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com