Electronic Components Datasheet Search
  English  ▼

X  

F37 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F37
Description  Plastic package has Underwriters Laboratory
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F37 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F37 Datasheet HTML 1Page - List of Unclassifed Manufacturers F37 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Fast recovery type
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-214AB
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.00585 ounce, 0.195 gram
(V)
(V)
(V)
(V)
(nS)
(
o C)
FFM301
F31
50
35
50
FFM302
F32
100
70
100
FFM303
F33
200
140
200
FFM304
F34
400
280
400
FFM305
F35
600
420
600
250
FFM306
F36
800
560
800
FFM307
F37
1000
700
1000
SYMBOLS
MARKING
CODE
1.3
-55 to +150
Operating
temperature
V RRM
*1
V RMS
*2
V R
*3
V F
*4
T RR
*5
500
150
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
Ambient temperature = 55
oC
IO
3.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
100
A
VR = VRRM TA =
25
oC
10.0
uA
VR = VRRM TA = 100
oC
300
uA
Thermal resistance
Junction to ambient
RqJA
50
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
60
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
0.276(7.0)
0.260(6.6)
0.012(0.3) Typ.
0.189(4.8)
0.173(4.4)
0.244(6.2)
0.228(5.8)
0.087(2.2)
0.071(1.8)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMC
0.152(3.8)
0.144(3.6)
0.032(0.8) Typ.
F31-F37
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - F37

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
F37063-000 MACOM-F37063-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
logo
VBsemi Electronics Co.,...
F3710 VBSEMI-F3710 Datasheet
220Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
F3710S IRF-F3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
logo
VBsemi Electronics Co.,...
F3711S VBSEMI-F3711S Datasheet
251Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Integrated Technology F...
F3734 ITF-F3734 Datasheet
321Kb / 7P
SAW Bandpass Filter
2004-04-13
More results

Similar Description - F37

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
EST1AF PANJIT-EST1AF Datasheet
142Kb / 5P
Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
HFM105 ETC2-HFM105 Datasheet
150Kb / 2P
Plastic package has Underwriters Laboratory
H31 ETC2-H31 Datasheet
126Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
Plastic package has Underwriters Laboratory
logo
Yea Shin Technology Co....
MBRL120S YEASHIN-MBRL120S Datasheet
813Kb / 10P
Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
1N4933 LRC-1N4933_15 Datasheet
200Kb / 7P
Plastic package has Underwriters Laboratory
1N4934 LRC-1N4934_15 Datasheet
200Kb / 7P
Plastic package has Underwriters Laboratory
DRS1M LRC-DRS1M_15 Datasheet
533Kb / 4P
Plastic package has Underwriters Laboratory
EGP10A LRC-EGP10A_15 Datasheet
305Kb / 7P
Plastic package has Underwriters Laboratory
EGP10D LRC-EGP10D_15 Datasheet
305Kb / 7P
Plastic package has Underwriters Laboratory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com