Electronic Components Datasheet Search
  English  ▼

X  

HD74AC32 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74AC32
Description  Quad 2-Input OR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC32 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74AC32 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC32 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC32 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC32 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC32 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC32 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC32 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74AC32
2
AC Characteristics
Ta = +25
°C
C
L = 50 pF
Ta = –40
°C to +85°C
C
L = 50 pF
Item
Symbol
V
CC (V)*
1
Min
Typ
Max
Min
Max
Unit
Propagation delay
t
PLH
3.3
1.0
7.0
9.0
1.0
10.0
ns
5.0
1.0
5.5
7.5
1.0
8.5
Propagation delay
t
PHL
3.3
1.0
7.0
8.5
1.0
9.0
ns
5.0
1.0
5.0
7.0
1.0
7.5
Note:
1. Voltage Range 3.3 is 3.3 V
± 0.3 V
Voltage Range 5.0 is 5.0 V
± 0.5 V
Capacitance
Item
Symbol
Typ
Unit
Condition
Input capacitance
C
IN
4.5
pF
V
CC = 5.5 V
Power dissipation capacitance
C
PD
20.0
pF
V
CC = 5.0 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com