Electronic Components Datasheet Search
  English  ▼

X  

VP3203 Datasheet(PDF) 4 Page - Supertex, Inc

Part # VP3203
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP3203 Datasheet(HTML) 4 Page - Supertex, Inc

  VP3203 Datasheet HTML 1Page - Supertex, Inc VP3203 Datasheet HTML 2Page - Supertex, Inc VP3203 Datasheet HTML 3Page - Supertex, Inc VP3203 Datasheet HTML 4Page - Supertex, Inc VP3203 Datasheet HTML 5Page - Supertex, Inc VP3203 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
VP3203
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
300
225
150
75
0
-0
-10
-20
-30
0
-2
-4
-6
-8
-10
-10
-8
-6
-4
-2
0
-50
0
50
100
150
1.1
1.0
2.0
1.6
1.2
0.8
0.4
0
1.4
1.2
1.0
0.8
0.6
1.4
1.2
1.0
0.8
0.6
-10
-8
-6
-4
-2
0
-50
0
50
100
150
1
2
3
4
5
VGS = -10V
125°C
0
-4
-8
-12
-20
-16
f = 1MHz
0.9
335pF
V(th) @ -10mA
RDS(ON) @ -10V, -3A
25°C
0
200 pF
Tj (°C)
ID (amperes)
BVDSS Variation with Temperature
VGS = -5V
Tj (°C)
V(th) and RDS Variation with Temperature
VGS (volts)
VDS = -25V
TA = -55°C
QG (nanocoulombs)
VDS (volts)
VDS = -20V
VDS = -10V
CISS
COSS
CRSS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com