Electronic Components Datasheet Search
  English  ▼

X  

NE33284 Datasheet(PDF) 1 Page - NEC

Part # NE33284
Description  L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE33284 Datasheet(HTML) 1 Page - NEC

  NE33284 Datasheet HTML 1Page - NEC NE33284 Datasheet HTML 2Page - NEC NE33284 Datasheet HTML 3Page - NEC NE33284 Datasheet HTML 4Page - NEC NE33284 Datasheet HTML 5Page - NEC NE33284 Datasheet HTML 6Page - NEC NE33284 Datasheet HTML 7Page - NEC NE33284 Datasheet HTML 8Page - NEC NE33284 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©
1995
DATA SHEET
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE33284A
L to X BAND SUPER LOW NOISE AMPLIFIER
N-CHANNEL HJ-FET
DESCRIPTION
The NE33284A is a Herero Junction FET that utilizes the
hetero junction to create high mobility electrons. Its excellent
low noise and high associated gain make it suitable for GPS,
TVRO and another commercial systems.
FEATURES
•
Super Low Noise Figure & High Associated Gain
NF = 0.35 dB TYP., Ga = 15.0 dB TYP. at f = 4 GHz
•
Gate Width: Wg = 280
µm
ORDERING INFORMATION
PART NUMBER
SUPPLYING
LEAD LENGTH
FORM
NE33284A-SL
STICK
L = 1.7 mm MIN.
NE33284A-T1
Tape & reel
L = 1.0
±0.2 mm
NE33284A-T1A
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Drain to Source Voltage
VDS
4.0
V
Gate to Source Voltage
VGS
–3.0
V
Drain Current
ID
IDSS
mA
Total Power Dissipation
Ptot
165
mW
Channel Temperature
Tch
150
˚ C
Storage Temperature
Tstg
–65 to +150
˚ C
RECOMMENDED OPERATING CONDITION (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
23
V
Drain Current
ID
10
20
mA
Input Power
Pin
0
dBm
Document No. P10874EJ2V0DS00 (2nd edition)
(Previous No. TD-2369)
Date Published October 1995 P
Printed in Japan
PACKAGE DIMENSIONS
(Unit: mm)
1.78 ±0.2
1
L
L
4
2
L
L
3
0.5 TYP.
U
1. Source
2. Drain
3. Source
4. Gate


Similar Part No. - NE33284

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
NE33284A-T1 NEC-NE33284A-T1 Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE33284A-T1 CEL-NE33284A-T1 Datasheet
54Kb / 5P
SUPER LOW NOISE HJ FET
logo
NEC
NE33284AS NEC-NE33284AS Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
More results

Similar Description - NE33284

ManufacturerPart #DatasheetDescription
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com