Electronic Components Datasheet Search
  English  ▼

X  

G511006 Datasheet(PDF) 1 Page - E-SWITCH

Part # G511006
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

G511006 Datasheet(HTML) 1 Page - E-SWITCH

  G511006 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KC58B10.001NLS
1.5:1
9/15/2005
G511006
A
PH
1
1
A
1
4
7
10
CONTACT CONFIGURATION
TIMING (BBM) NON-SHORTING
A
A
8.00
[.315 in]
14.20
[.559 in]
2.00
[.079 in]
10.00
[.394 in]
2.00
[.079 in]
18.50
[.728 in]
n26.00
[1.024 in]
NOTE:
1. ALL DIMENSIONS IN MM[INCH].
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. CONTACT MATERIAL: SILVER
5. CONTACT RATING: 300 mA @ 125 VAC
6. CONTACT RATING (NON-SWITCHING) 5A
7. OPERATING FORCE: 800
`300 gm-cm
8. OPERATING TEMP: -30
~C TO 85~C
9. CIRUIT SP: 4 POSITION 90
~ INDEX.
10. DIELECTRIC STRENGTH: 500 VAC FOR 1 MIN.
11. HARDWARE SUPPLIED ON SWITCH:
LOCKWASHER, HEXNUT, STOP RING
12.
DENOTES CRITICAL PARAMETER.
HARDWARE SUPPIED
ON SWITCH
A
15281
RELEASED FOR PRODUCTION
9/15/05
PH
3/8-32 UNEF-2A
THREADS
10.50
[.413 in]
6.30
[.248 in]
6.00
[.236 in]
n


Similar Part No. - G511006

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
G511000 E-SWITCH-G511000 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511001 E-SWITCH-G511001 Datasheet
58Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511003 E-SWITCH-G511003 Datasheet
135Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511004 E-SWITCH-G511004 Datasheet
151Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511005 E-SWITCH-G511005 Datasheet
85Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - G511006

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com