Electronic Components Datasheet Search
  English  ▼

X  

HV9901 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9901
Description  Universal Relay Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9901 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9901 Datasheet HTML 1Page - Supertex, Inc HV9901 Datasheet HTML 2Page - Supertex, Inc HV9901 Datasheet HTML 3Page - Supertex, Inc HV9901 Datasheet HTML 4Page - Supertex, Inc HV9901 Datasheet HTML 5Page - Supertex, Inc HV9901 Datasheet HTML 6Page - Supertex, Inc HV9901 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV9901
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Ordering Information
Device
16-Lead SOIC
9.90x3.90mm body
1.75mm height (max)
1.27mm pitch
HV9901
HV9901NG-G
Absolute Maximum Ratings
Parameter
Value
Input voltage V
IN
1
-0.5V to +470V
Input voltage to any other pin1
-0.3V to V
DD +0.3V
Operating temperature range
-40°C to +85°C
Continuous Power dissipation (T
A = +25°C)
2
750mW
Sym
Parameter
Min
Typ
Max
Units
Conditions
High Voltage Regulator
V
IN
Input voltage
10
-
450
V
I
CC = 0 to 1.0mA load
I
IN
Supply current
-
-
2.0
mA
No load at V
DD.
load at I
CC = 1.0mA
C
GT = 500pF, fOSC = 25KHz
V
DD
Internally regulated voltage
8.5
9.0
9.5
V
No load at V
DD.
C
GT = 500pF,
f
OSC = 25KHz
UV
ON
V
DD under voltage lockout, on
7.8
8.2
8.5
V
---
UV
HYS
V
DD under voltage lockout, hysteresis
-
0.5
-
V
---
Adjustable Regulator
V
CC
Regulator output voltage range
2.0
-
5.5
V
I
CC = 1.0mA load
I
CC
Regulator output current
0
-
1.0
mA
No load at V
DD*
V
FB
Feedback voltage
0
V
REF
V
DD -1.0V
V
---
I
FB
Input bias current
-
25
100
nA
V
FB = VREF
Electrical Characteristics (T
A = +25°C unless otherwise noted)
Note:
All voltages are referenced to COM.
For operation above 25°C ambient derate linearly at 7.5 mW/°C.
Stresses beyond those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
1.
2.
Pin Configuration
-G indicates package is RoHS compliant (‘Green’)
Product Marking
16-Lead SOIC (NG)
16
1
VIN
GT
CS
COM
SYNC
RT
VDD
VREF
HOLD/DELAY
FB
VCC
ENI
ENO
POL
16-Lead SOIC (NG)
(top view)
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
HV9901NG
YWW LLLLLLLL
CCCCCCCCC AAA
16-Lead SOIC (NG)
(top view)
*
Maximum allowable load current limited by power dissipation and operating ambient temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com