Electronic Components Datasheet Search
  English  ▼

X  

PI5C3384 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3384
Description  10-Bit, 2-Port Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3384 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3384 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3384 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3384 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3384 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3384 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3384 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS7029F
05/02/07
PI5C3384/3384C
10-Bit, 2-Port Bus switch
Capacitance (TA = 25ºC, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
pF
COFF
A/B Capacitance, Switch Off
6
CON
A/B Capacitance, Switch On
8
Notes:
1. This parameter is determined by device characterization but is not production tested.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power
Supply Current
VCC = Max.,
VIN = GND or VCC
PI5C3384
0.1
3.0
μA
PI5C3384C
60
100
ΔICC
Supply Current per
Input @ TTL HIGH
VCC = Max.,
VIN = 3.4V(3)
2.5
mA
ICCD
Supply Current per
Input per MHz(4)
VCC = Max.,
A and B Pins Open
BE1 or BE2 = GND
Control Input Toggling
50% Duty Cycle
0.25
mA/
MHz
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The A
and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
Switching Characteristics over Operating Range
Parameters
Description
Conditions(1)
PI5C3384/3384C
Unit
Min.
Typ.
Max.
tPLH
tPHL
Propagation Delay(2,3)
Ax to Bx, Bx to Ax
CL= 50pF
RL = 500Ω
0.25
ns
tPZH
tPZL
Bus Enable Time
BEX to Ax or Bx
1.5
6.5
tPHZ
tPLZ
Bus Disable Time
BEx to Ax or Bx
1.5
5.5
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
07-0124



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com