Electronic Components Datasheet Search
  English  ▼

X  

NE429M01 Datasheet(PDF) 1 Page - NEC

Part # NE429M01
Description  C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE429M01 Datasheet(HTML) 1 Page - NEC

  NE429M01 Datasheet HTML 1Page - NEC NE429M01 Datasheet HTML 2Page - NEC NE429M01 Datasheet HTML 3Page - NEC NE429M01 Datasheet HTML 4Page - NEC NE429M01 Datasheet HTML 5Page - NEC NE429M01 Datasheet HTML 6Page - NEC NE429M01 Datasheet HTML 7Page - NEC NE429M01 Datasheet HTML 8Page - NEC NE429M01 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE429M01
C to Ku BAND SUPER LOW NOISE AMPLIFIER
N-CHANNEL HJ-FET
Document No. P12254EJ3V0DS00 (3rd edition)
Date Published November 1999 N CP(K)
Printed in Japan
DATA SHEET
©
1997, 1999
The mark
shows major revised points.
DESCRIPTION
The NE429M01 is a Hetero Junction FET that utilizes the hetero junction to create high mobility electrons. Its
excellent low noise and high associated gain make it suitable for DBS, TVRO and another commercial systems.
FEATURES
•
Super low noise figure & High associated gain
NF = 0.9 dB TYP., Ga = 10 dB TYP. @ f = 12 GHz
•
6-pin super minimold package
•
Gate width: Wg = 200
µm
ORDERING INFORMATION
Part Number
Package
Marking
Supplying Form
NE429M01-T1
6-pin super minimold
V72
Embossed tape 8 mm wide.
1, 2, 3 pins face to perforation side of the tape
Qty 3 kpcs/reel
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
4.0
V
Gate to Source Voltage
VGS
−3.0
V
Drain Current
ID
IDSS
mA
Gate Current
IG
100
µA
Total Power Dissipation
Ptot
125
mW
Channel Temperature
Tch
125
°C
Storage Temperature
Tstg
−65 to +125
°C


Similar Part No. - NE429M01

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01-T1 CEL-NE429M01-T1 Datasheet
58Kb / 6P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE429M01

ManufacturerPart #DatasheetDescription
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com