Electronic Components Datasheet Search
  English  ▼

X  

ACD-1808 Datasheet(PDF) 2 Page - Applied Concepts Inc.

Part # ACD-1808
Description  XGA LED BACKLIT TFT DISPLAY WITH NVIS CAPABILITY & AR BONDED GLASS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACD-1808 Datasheet(HTML) 2 Page - Applied Concepts Inc.

  ACD-1808 Datasheet HTML 1Page - Applied Concepts Inc. ACD-1808 Datasheet HTML 2Page - Applied Concepts Inc. ACD-1808 Datasheet HTML 3Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACD-1808
397 Route 281 - P.O. Box 1175
Tully, New York 13159-1175
Phone:
315 696-6676
Fax:
315 696 9923
Email:
sales@acipower.com
www.acipower.com
MAXIMUM RATINGS
Symbol
Parameter
PRODUCT DATA SHEET - PAGE 2 OF 3
07/15/13
Value
Unit
Top
Operating temperature of display (center of panel surface)
-10 to +70
Deg-C
Tled
Operating temperature of LED edge light (light rail contact)
-20 to +75
Deg-C
Tstg
Display storage temperature
-20 to +80
Deg-C
Ifwd(Day)
Maximum LED edge-light forward current (DC) (Day)
125
Ma
Ifwd(NVIS)
Maximum LED edge-light forward current (DC) (NVIS)
40
Ma
PANEL/BACKLIGHT OPTICAL CHARACTERISTICS
Ifwd(Day) = 121mA, Ifwd(NVIS) = 20mA, (LED rail ACR-1012-1763, 2 rails per display), Ta = +25Deg-C, LCD un-
powered
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Bpd
Panel Brightness (Day mode)
Bpn
Panel Brightness (NVIS)
Bpsun
Panel Brightness (direct sun)
Xd
White X coordinate (Day mode)
Yd
White Y coordinate (Day mode)
Xn
White X coordinate (NVIS)
Yn
White Y coordinate (NVIS)
1170
1300
1430
cd/m
2
9.2
10.2
11.2
cd/m
2
Direct Sunlight + Day Mode
2400
cd/m
2
0.329
0.392
0.367
0.413
LED EDGE-LIGHT ELECTRICAL CHARACTERISTICS
Ifwd(day) = 121mA, Ifwd(NVIS) = 20mA, Top = +25Deg-C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vfwd
LED rail forward voltage drop (Day mode)
91
101
111
Vdc
Vfwd
LED rail forward voltage drop (NVIS)
78
87
96
Vdc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com