Electronic Components Datasheet Search
  English  ▼

X  

ACD-2484 Datasheet(PDF) 1 Page - Applied Concepts Inc.

Part # ACD-2484
Description  WXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACD-2484 Datasheet(HTML) 1 Page - Applied Concepts Inc.

  ACD-2484 Datasheet HTML 1Page - Applied Concepts Inc. ACD-2484 Datasheet HTML 2Page - Applied Concepts Inc. ACD-2484 Datasheet HTML 3Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10.6 WXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
GENERAL DESCRIPTION
MITSUBISHI AA106TA11
LED BACKLIGHT FEATURES
LCD PANEL HIGHLIGHTS
ACD-2484
PRODUCT DATA SHEET PAGE 1 OF 3
08/27/2014
The ACD 2484 consists of the Mitsubishi AA106TA11
WXGA TFT display modified with a high performance LED
backlight capable of Day and NVIS full color operation.
Customer Consigned Panel
Performance at given brightness levels
1000 cd/m2 with 14.1 watts LED power (Day)
3.7 cd/m2 with 3.1 watts LED power (NVIS)
White and NVIS LED edge-light rail
Three wire connection (Typically 11 inches long),
allows simple interconnect with LED driver1
Projected lifetime > 75,000 hours
50,000:1 or better dimming ratio (Day)1
Minimum NVIS intensity equal to 0.003
cd/m2 or less1
1 For best power transfer and control, use one
ACI-2485 Dual Mode Driver.
10.6 TFT Active Matrix Color
231.36 (H) mm x 138.816 (V) mm viewable area
WXGA 1280 x 768 pixels
16.7 M (8 bit/color) 262K (6 bit/color)
1000:1 typical contrast ratio
Display Mode Normally Black
RoHs compliant
For complete LCD specification (standard panel), refer to
the Mitsubishi AA106TA11 datasheet
397 Route 281
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com


Similar Part No. - ACD-2484

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACD-2403 ACIPOWER-ACD-2403 Datasheet
324Kb / 3P
SXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2430 ACIPOWER-ACD-2430 Datasheet
325Kb / 3P
WXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
More results

Similar Description - ACD-2484

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACD-1808 ACIPOWER-ACD-1808 Datasheet
227Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CAPABILITY & AR BONDED GLASS
ACD-2148 ACIPOWER-ACD-2148 Datasheet
316Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2161 ACIPOWER-ACD-2161 Datasheet
149Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2283 ACIPOWER-ACD-2283 Datasheet
277Kb / 2P
SXGA LED BACKLIT TFT DISPLAY
ACD-2315 ACIPOWER-ACD-2315 Datasheet
368Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2334 ACIPOWER-ACD-2334 Datasheet
368Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2353 ACIPOWER-ACD-2353 Datasheet
324Kb / 3P
XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2403 ACIPOWER-ACD-2403 Datasheet
324Kb / 3P
SXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2430 ACIPOWER-ACD-2430 Datasheet
325Kb / 3P
WXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2540 ACIPOWER-ACD-2540 Datasheet
325Kb / 3P
SXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com