Electronic Components Datasheet Search
  English  ▼

X  

SW61900 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW61900
Description  Photovaltaic & wind power battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW61900 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW61900 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
Nominal Voltage
Rated capacity (10 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(10hour rate)
Terminal
Cycle
Float
Weight Approx
6V
190 Ah
228 mm (8.97 inches)
223 mm (8.77 inches)
306 mm (12.04 inches)
169 mm (6.63 inches)
28 Kg (61.88 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
10 hour rate(19 A)
5 hour rate(30.4A)
1 hour rate(114 A)
190 AH
152 AH
114 AH
Full charged Battery at 25 (77 )
Approx
1.0 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T19
Initial Charging Current less than 76 A
Voltage 7.05-7.20V
Voltage 6.75-6.90V
SW61900(6V190AH)
4
4.80
3.90
4.20
4.50
6.60
6.30
6.00
5.70
5.40
5.10
1 2
60
10
(Min)
6 8
95A
2040
(h)
2
6
4
10
8
20 40
190A
401A
38A 19A
Self-Discharge
at 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
169
306
16
M8
16
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
4.80V
5.10V
5.25V
5.40V
5.55V
Sw61200
(6V120AH)
SW619
00
(6V190
AH)


Similar Part No. - SW61900

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW61900E SUNNYWAY-SW61900E Datasheet
482Kb / 1P
Photovaltaic & wind power battery
SW61900 SUNNYWAY-SW61900_17 Datasheet
376Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW61900

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW1290E SUNNYWAY-SW1290E Datasheet
359Kb / 1P
Photovaltaic & wind power battery
SW12120E SUNNYWAY-SW12120E Datasheet
379Kb / 1P
Photovaltaic & wind power battery
SW12220E SUNNYWAY-SW12220E Datasheet
427Kb / 1P
Photovaltaic & wind power battery
SW12330E SUNNYWAY-SW12330E Datasheet
419Kb / 1P
Photovaltaic & wind power battery
SW12400E SUNNYWAY-SW12400E Datasheet
407Kb / 1P
Photovaltaic & wind power battery
SW12700E SUNNYWAY-SW12700E Datasheet
427Kb / 1P
Photovaltaic & wind power battery
SW23500E SUNNYWAY-SW23500E Datasheet
377Kb / 1P
Photovaltaic & wind power battery
SW121800E SUNNYWAY-SW121800E Datasheet
502Kb / 1P
Photovaltaic & wind power battery
SW122300E SUNNYWAY-SW122300E Datasheet
513Kb / 1P
Photovaltaic & wind power battery
SW215000E SUNNYWAY-SW215000E Datasheet
477Kb / 1P
Photovaltaic & wind power battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com