Electronic Components Datasheet Search
  English  ▼

X  

VG3-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VG3-4
Description  VERT-O-GUIDE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VG3-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VG3-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.437 [11.1mm]
0.125 [3.2mm]
0.187 [4.7mm]
2.00 [50.8mm]
A
0.072 [1.8mm]
0.615 [15.6mm]
0.109 [2.8mm]
0.109 [2.8mm]
0.280 [7.1mm]
0.375 [9.5mm]
0.188 [4.8mm]
0.062 [1.6mm]
0.067 [1.7mm]
0.136 [3.5mm]
0.377 [9.6mm]
0.146 [3.7mm]
Ø.134 [Ø3.4mm]
Recommended Mounting Holes
Ø.146
+.003
-.001
0.312 [7.9mm]
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
RTP 299A X 59354CFR, BLACK OR MODIFIED PLASTICS MN6-FG10SE BK.
2. MATERIAL: NYLON 6, 10% GLASS, 94V-0, BLACK. BIVAR MATERIAL CODE 12-BK.
4 THOMAS, IRVINE, CA. 92618
CAGE CODE : 32559
VERT-O-GUIDE
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
VG3-XX
TEL: (949) 951-8808
FAX: (949) 951-3974
( UNLESS OTHERWISE SPECIFIED )
STANDARD TOLERANCE
DATE:
DATE:
CHECKED:
DESIGNED:
Shane Irving
DECIMALS
.X
± .1
.XX
± .01
.XXX
± .005
PART NO:
11/22/00
TITLE:
X°
± 1°
ANGULAR
SHEET #
OF
A
REVISION:
1
1
®
Engineering Update w/o Changes
REV.
A
DESCRIPTION
03/01/04
DATE
APPROVED
M. C.
3.5 (88.9)
VG3-35
VG3-55
VG3-45
VG3-5
VG3-6
VG3-4
5.5 (139.7)
6.0 (152.4)
5.0 (127.0)
4.5 (114.3)
4.0 (101.6)
VG3-3
PART
NO.
3.0 (76.2)
A
±.015 (.38)
D. Green
03/01/04


Similar Part No. - VG3-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VG3-4 ETC2-VG3-4 Datasheet
34Kb / 1P
VERT-O-GUIDE
VG3-45 ETC2-VG3-45 Datasheet
34Kb / 1P
VERT-O-GUIDE
More results

Similar Description - VG3-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0051260012 MOLEX1-0051260012 Datasheet
118Kb / 2P
LFH. 075 PITCH, 96 CKT. VERT. I/O PLUG (SALES)
logo
Omron Electronics LLC
C200HOD212 OMRON-C200HOD212 Datasheet
452Kb / 38P
CS1 Ordering Guide C200H Basic I/O Modules
logo
List of Unclassifed Man...
E-1100 ETC2-E-1100 Datasheet
36Kb / 1P
ECON-O-GIDE PRESS-IN CARD GUIDE
749-VG3-3 ETC2-749-VG3-3 Datasheet
34Kb / 1P
VERT-O-GUIDE
750-109 ETC2-750-109 Datasheet
38Kb / 1P
CIRC-O-GIDE, SNAP-IN BUTTON STYLE CARD GUIDE
E-1300 ETC2-E-1300 Datasheet
280Kb / 1P
ECON-O-GIDE PRESS-IN CARD GUIDE
logo
XFMRS Inc.
2XF1806-V60 XFMRS-2XF1806-V60 Datasheet
36Kb / 1P
Vert High Temp Inductor
XFVOIP5U-CV1-2M XFMRS-XFVOIP5U-CV1-2M Datasheet
76Kb / 2P
SINGLE PORT VERT COMBO
logo
Molex Electronics Ltd.
026602020 MOLEX-026602020 Datasheet
287Kb / 6P
KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
417710899 MOLEX-417710899 Datasheet
287Kb / 6P
KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com