Electronic Components Datasheet Search
  English  ▼

X  

NDL5461P2 Datasheet(PDF) 2 Page - NEC

Part # NDL5461P2
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5461P2 Datasheet(HTML) 2 Page - NEC

  NDL5461P2 Datasheet HTML 1Page - NEC NDL5461P2 Datasheet HTML 2Page - NEC NDL5461P2 Datasheet HTML 3Page - NEC NDL5461P2 Datasheet HTML 4Page - NEC NDL5461P2 Datasheet HTML 5Page - NEC NDL5461P2 Datasheet HTML 6Page - NEC NDL5461P2 Datasheet HTML 7Page - NEC NDL5461P2 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NDL5551P Series
•
•
•
• ORDERING INFORMATION
Part Number
Available Connector
NDL5551P
Without Connector
no flange
NDL5551PC
With FC-PC Connector
NDL5551PD
With SC-PC Connector
NDL5551P1
Without Connector
flat mount flange
NDL5551P1C
With FC-PC Connector
NDL5551P1D
With SC-PC Connector
NDL5551P2
Without Connector
vertical flange
NDL5551P2C
With FC-PC Connector
NDL5551P2D
With SC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Forward Current
IF
10
mA
Reverse Current
IR
0.5
mA
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Reverse Breakdown Voltage
V(BR)R
ID = 100
µA
50
70
100
V
Temperature Coefficient of
Reverse Breakdown Voltage
δ*1
0.2
%/
°C
Dark Current
ID
VR = V(BR)R
× 0.9
5
30
nA
Multiplied Dark Current
IDM
M = 2 to 10
1
5
nA
Terminal Capacitance
Ct
VR = V(BR)R
× 0.9, f = 1 MHz
0.4
0.75
pF
Cut-off Frequency
fC
M = 10
1
1.5
GHz
M = 20
1.2
Quantum Efficiency
η
λ = 1 300 nm, M = 1
76
90
%
λ = 1 550 nm, M = 1
65
77
Responsivity
S
λ = 1 300 nm, M = 1
0.8
0.94
A/W
λ = 1 550 nm, M = 1
0.81
0.96
Multiplication Factor
M
λ = 1 300 nm, IP0 = 1.0
µA30
40
VR = V (@ ID = 1
µA)
Excess Noise Exponent
x
λ = 1 300 nm, 1550 nm, IP0 = 1.0
µA0.7
Excess Noise Factor
F
M = 10, f = 35 MHz, B = 1 MHz
5
*1:
δ =
V(BR)R
< 25 °C +
∆T °C > −V(BR)R < 25 °C >
∆T °C ⋅ V(BR)R < 25 °C >



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com