Electronic Components Datasheet Search
  English  ▼

X  

ACK-2132 Datasheet(PDF) 1 Page - Applied Concepts Inc.

Part # ACK-2132
Description  LED MODIFIED DISPLAY AND DRIVER KIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACK-2132 Datasheet(HTML) 1 Page - Applied Concepts Inc.

  ACK-2132 Datasheet HTML 1Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KIT DATASHEET
06/21/12
Page 1 of 1
ACK-2132
397 Route 281
P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com
LED MODIFIED DISPLAY AND DRIVER KIT
GENERAL DESCRIPTION
The ACK-2132 Kit consists of the 15.0 Chi Mei
G150X1-L03 XGA TFT LCD Display complete with a high
performance LED backlight.
Display Features:
·
Sunlight readable LCD panel with high
efficiency solid state LED backlight
·
2200 cd/m2 with 23.0W, Sunlight Readable
·
Ideal for demanding Industrial, Military and
Marine applications, as well as Outdoor Kiosks,
POS, and Gas Pumps
·
Highly reliable LED backlight configuration
provides light-source redundancy
·
Includes LED drivers with ultra-wide dimming
range
·
Exceeds performance of comparable CCFL
backlight by 1.5 to 1
·
RoHS Compliant
KIT Includes:
QTY
1
1
1
P/N
ACD-CH150-2040
ACI-E120250-1879
27-R0061
DESCRIPTION
15.0 XGA TFT LCD
Display with High-
Performance LED Backlight
LED Driver
Input Cable Assembly
LED MODIFIED DISPLAY
LED
DRIVER
1, 2, 3, 4
5, 6, 7, 8
1
2
3
4
5
+10 to +15V (PWR)
GND(PWR)
ENABLE
ICNTL
GND(SIGNAL)
+5V REF OUT
INPUT CABLE ASSEMBLY
1
2
3
4
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
9
12
14
13
TBD
11
10
TBD


Similar Part No. - ACK-2132

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACK-2131 ACIPOWER-ACK-2131 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
More results

Similar Description - ACK-2132

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACK-1911 ACIPOWER-ACK-1911 Datasheet
83Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1912 ACIPOWER-ACK-1912 Datasheet
84Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1948 ACIPOWER-ACK-1948 Datasheet
89Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1951 ACIPOWER-ACK-1951 Datasheet
89Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2035 ACIPOWER-ACK-2035 Datasheet
130Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2048 ACIPOWER-ACK-2048 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2131 ACIPOWER-ACK-2131 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2182 ACIPOWER-ACK-2182 Datasheet
193Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2228 ACIPOWER-ACK-2228 Datasheet
191Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2568 ACIPOWER-ACK-2568 Datasheet
190Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com