Electronic Components Datasheet Search
  English  ▼

X  

ACK-2176 Datasheet(PDF) 1 Page - Applied Concepts Inc.

Part # ACK-2176
Description  LED MODIFIED DISPLAY AND DRIVER KIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACK-2176 Datasheet(HTML) 1 Page - Applied Concepts Inc.

  ACK-2176 Datasheet HTML 1Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KIT DATASHEET
11/14/12
Page 1 of 1
ACK-2176
397 Route 281 – P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com
LED MODIFIED DISPLAY AND DRIVER KIT
GENERAL DESCRIPTION
The
ACK-2176
Kit
consists
of
the
8.4”
NEC
NL10276BC16-01 XGA TFT LCD Display complete with
a
high
performance
DAY/NVIS
Dual
Mode
LED
backlight.
Display Features:
•
Sunlight
readable
LCD
panel
with
high
efficiency solid state LED backlight
•
1100 cd/m
2 with 11.8W, DAY Mode
•
5 cd/m
2 with 2.5W, NVIS Mode
•
DAY and NVIS (Class B white)
•
Ideal for demanding Industrial, Military and
Marine applications
•
Direct connectivity to Digital View Controller
SP-1600
•
Includes LED driver with ultra-wide dimming
range
•
Exceeds performance of comparable CCFL
backlight by 1.5 to 1
•
Customer Consigned Panel
•
RoHS Compliant
KIT Includes:
QTY
1
1
1
P/N
ACD-2161
ACI-2173
27-R0133
DESCRIPTION
8.4” XGA TFT LCD Display
with Dual Mode High-
Performance LED Backlight
LED Driver (Dual Mode)
Input Cable Assembly
LED MODIFIED DISPLAY
LED
DRIVER
1
2
3
4
5
INPUT CABLE ASSEMBLY
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
MODE SELECT
5
4
3
2
1
5
4
3
2
1
CONNECTS TO CNB1
OF THE SP-1600
DIGITAL VIEW
CONTROLLER
6
1
2
3
4
5
6


Similar Part No. - ACK-2176

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACK-2131 ACIPOWER-ACK-2131 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2132 ACIPOWER-ACK-2132 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2182 ACIPOWER-ACK-2182 Datasheet
193Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
More results

Similar Description - ACK-2176

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACK-1911 ACIPOWER-ACK-1911 Datasheet
83Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1912 ACIPOWER-ACK-1912 Datasheet
84Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1948 ACIPOWER-ACK-1948 Datasheet
89Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1951 ACIPOWER-ACK-1951 Datasheet
89Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2035 ACIPOWER-ACK-2035 Datasheet
130Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2048 ACIPOWER-ACK-2048 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2131 ACIPOWER-ACK-2131 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2132 ACIPOWER-ACK-2132 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2228 ACIPOWER-ACK-2228 Datasheet
191Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2568 ACIPOWER-ACK-2568 Datasheet
190Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com