Electronic Components Datasheet Search
  English  ▼

X  

TO-92 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TO-92
Description  Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TO-92 Datasheet(HTML) 2 Page - Supertex, Inc

  TO-92 Datasheet HTML 1Page - Supertex, Inc TO-92 Datasheet HTML 2Page - Supertex, Inc TO-92 Datasheet HTML 3Page - Supertex, Inc TO-92 Datasheet HTML 4Page - Supertex, Inc TO-92 Datasheet HTML 5Page - Supertex, Inc TO-92 Datasheet HTML 6Page - Supertex, Inc TO-92 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CL2
Supertex inc.
www.supertex.com
Doc.# DSFP-CL2
C071012
Absolute Maximum Ratings
Parameter
Value
Operating voltage, V
A-B
100V
Operating junction temperature, T
j
-40°C to +125°C
Storage temperature, T
S
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to device ground.
Typical Thermal Characteristics
Package
Power Dissipation
@T
A = 25
O
C
(W)
θ
ja
(OC/W)
TO-252
2.0*
81*
TO-92
0.6
132
TO-243AA
1.3*
133*
Pin Configurations
* Mounted on FR4 board; 25mm x 25mm x 1.57mm
Sym
Parameter
Min
Typ
Max
Units Conditions
V
A-B
Operating voltage
5.0
-
90
V
---
I
A-B
Current regulation
18.0
20
22
mA
V
A-B = 5.0V - 90V
ΔI
A-B/ΔT
I
A-B temperature coefficient
-
0.01
-
%/OC V
A-B = 45V, Tj = -40
O
C to +100OC
T
j
Operating junction temperature
-40
-
125
O
C
---
R
A-B
Dynamic resistance
-
300
-
---
Electrical Characteristics (T
A = 25°C unless otherwise specified)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
Si YYWW
CL2
LLLLLLL
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Si
CL
2
YYW W
CL2W
W = Code for week sealed
= “Green” Packaging
TO-252 (D-PAK) (K4)
TO-92 (N3)
TO-92 (N3)
TO-243AA (SOT-89) (N8)
TO-252 (D-PAK) (K4)
TO-243AA (SOT-89) (N8)
Product Marking
NC
VA
VB
VA
N/C
VB
VA
N/C
VB
VB
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
-G indicates package is RoHS compliant (‘Green’)
Refer to ‘P0xx’ Tape & Reel Specs for P002, P003, P005, P013, and P014 TO-
92 Taping Specifications and Winding Styles
Part Number
Package Options
Packing
CL2K4-G
TO-252 (D-PAK)
2000/Reel
CL2N3-G
TO-92
1000/Bag
CL2N3-G P002
TO-92
2000/Reel
CL2N3-G P003
TO-92
2000/Reel
CL2N3-G P005
TO-92
2000/Reel
CL2N3-G P013
TO-92
2000/Reel
CL2N3-G P014
TO-92
2000/Reel
CL2N8-G
TO-243AA (SOT-89)
2000/Reel
Ordering Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com