Electronic Components Datasheet Search
  English  ▼

X  

HV461 Datasheet(PDF) 13 Page - Supertex, Inc

Part # HV461
Description  Ring Generator Controller IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461 Datasheet(HTML) 13 Page - Supertex, Inc

Back Button HV461 Datasheet HTML 6Page - Supertex, Inc HV461 Datasheet HTML 7Page - Supertex, Inc HV461 Datasheet HTML 8Page - Supertex, Inc HV461 Datasheet HTML 9Page - Supertex, Inc HV461 Datasheet HTML 10Page - Supertex, Inc HV461 Datasheet HTML 11Page - Supertex, Inc HV461 Datasheet HTML 12Page - Supertex, Inc HV461 Datasheet HTML 13Page - Supertex, Inc HV461 Datasheet HTML 14Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
HV461
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Pin
Name
Description
31
SW1
Primary–side P-channel switch driver output.
32
PGND
Power ground. Connect to AGND and DGND close to the IC.
33
VGD
Supply for the SW1–4 drivers. An external boost converter controlled by VDR provides 9.6V for
driving the power stage MOSFETs. An undervoltage condition on this supply pin disables ringer
output and activates the FAULT output.
34
VDR
Gate drive for the external boost converter circuit. Outputs a fixed 50% duty cycle at the ringer
PWM frequency (see ROSC, pin 9). Output voltage regulation is via burp-mode operation. This
output is boostrapped to VGD, thus during startup VDR amplitude is VDD and after startup is
VGD. (See VGD, pin 33)
35
DVDD
Supply for the digital section. 3.0V to 3.6V input. Undervoltage disables ringer output. Must be
from the same source as AVDD. Bypass with a 100nF capacitor to ground as close as possible
to the IC. An undervoltage condition on this supply pin disables ringer output and activates the
FAULT output.
36
CL+
Current limit amplifier non-inverting input.
37
CL-
Current limit amplifier inverting input.
38
CLCOMP
Current limit compensation. An RC network connected between this pin and CL- establishes
current limit reaction time and stability.
39
DIFFAMP+
Differential amplifier non-inverting input. The differential amplifier sets gain, establishing output
amplitude and DC offset in conjunction with AMPx and
OFFx.
Gain = R
FB2/RFB1 (RFB3 = RFB1 and RFB4 = RFB2,
see schematic)
40
DIFFAMP-
Differential amplifier inverting input.
41
DIFFAMPO Differential amplifier output.
42
COMP2
Error amplifier compensation. An RC network connected between these pins establishes loop
stability.
43
COMP1
COMP1 is the error amp inverting input. COMP2 is the error amp output.
44
SINEREF
Sine wave reference. Amplitude is 2V
P-P nominal. Output impedance is approximately 16kΩ. An
external 33nF capacitor from this pin to ground should be employed to remove high frequency
synthesizer ripple. Synthesizer ripple is at a frequency of 215 · f
RING
45
AGND
Analog ground. Connect to AGND and DGND close to the IC.
46
VDCL
Voltage applied to this pin sets the min/max duty cycle limits. If the PWM controller hits these limits, clipping
of the ringer output will occur and the FAULT output will be activated. D
MIN = 0.4VDCL DMAX = 1 - 0.4VDCL
47
DCREF1
In conjunction with the OFFx control inputs, voltages applied to these inputs set the output DC offset. Output
offset is the selected DCREFx voltage multiplied by gain. See also OFF0 & OFF1 (pins 17 & 18)
48
DCREF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com