Electronic Components Datasheet Search
  English  ▼

X  

AC40 Datasheet(PDF) 1 Page - Allied Components International

Part # AC40
Description  Axial Coated Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC40 Datasheet(HTML) 1 Page - Allied Components International

  AC40 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC40 Axial Coated Inductors
Features
• Incorporation of a special lead wire
structure entirely eliminates defects
inherent in existing axial lead type
products and prevents lead breakage.
• The special magnetic core structure
permits the product to have reduced
size, high "Q" and self resonant
frequencies.
• Treated with epoxy resin coating for
humidity resistance to ensure longer
life.
Electrical
Inductance Range: 1200µh to 82,000µh.
Tolerance: 10% over entire range. Tighter
tolerances available.
Temp. Rise: 20°C.
Ambient Temp.: 80°C.
Rated Temp Range: -20 to + 100°C.
Dielectric Withstanding Voltage: 250 Volts
R.M.S.
Rated Current: Based on temp rise.
Mechanical
Terminal Tensile Strength: 1.0 kg min.
Terminal Bending Strength: .3 kg min.
Physical
Marking (on reel): Manufacturers name,
Part number, Quantity,
Marking: 4 band color code.
Packaging: 3000 pieces per reel.
Allied
Part
Number
Rated
Current
(mA)
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(KHz)
DCR
Max.
(Ω)
AC40-122K-RC
1200
10
90
252
9.0
75
AC40-152K-RC
1500
10
90
252
10.0
69
AC40-182K-RC
1800
10
90
252
11.0
60
AC40-222K-RC
2200
10
90
252
14.0
58
AC40-272K-RC
2700
10
90
252
18.0
52
AC40-332K-RC
3300
10
90
252
22.0
48
AC40-392K-RC
3900
10
90
252
28.0
45
AC40-472K-RC
4700
10
90
252
30.0
40
AC40-562K-RC
5600
10
70
252
34.0
37
AC40-682K-RC
6800
10
70
252
45.0
34
AC40-822K-RC
8200
10
50
252
60.0
31
AC40-103K-RC
10000
10
50
79.6
70.0
28
AC40-123K-RC
12000
10
50
79.6
82.0
24
AC40-153K-RC
15000
10
50
79.6
89.0
22
AC40-183K-RC
18000
10
40
79.6
140.0
14
AC40-223K-RC
22000
10
40
79.6
170.0
12
AC40-253K-RC
25000
10
40
79.6
185.0
11
AC40-273K-RC
27000
10
40
79.6
210.0
9.5
AC40-303K-RC
30000
10
40
79.6
240.0
8.3
AC40-333K-RC
33000
10
40
79.6
250.0
8.0
AC40-393K-RC
39000
10
30
79.6
340.0
6.0
AC40-473K-RC
47000
10
30
79.6
390.0
5.0
AC40-563K-RC
56000
10
30
79.6
440.0
4.5
AC40-683K-RC
68000
10
30
79.6
500.0
4.0
AC40-823K-RC
82000
10
30
79.6
550.0
3.5
All specifications subject to change without notice.
1.15 NOMINAL
1.15 NOMINAL
24AWG
0.395
(10.03)
MAX.
0.197
(5.00)
MAX.
Dimensions:
Inches
(mm)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
3000 pieces per Ammo
For Tape and Reel packaging please
add ”-TR” to the part number.
Pack.
REVISED 10/13/10


Similar Part No. - AC40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC40-103K-RC ALLIED-AC40-103K-RC Datasheet
824Kb / 1P
Axial Coated Inductors
AC40-103K-RC ALLIED-AC40-103K-RC Datasheet
898Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
824Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
898Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
More results

Similar Description - AC40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC20-R027M-RC ALLIED-AC20-R027M-RC Datasheet
932Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
824Kb / 1P
Axial Coated Inductors
AC10-R10M-RC ALLIED-AC10-R10M-RC_10 Datasheet
885Kb / 1P
Axial Coated Inductors
AC20-R027M-RC ALLIED-AC20-R027M-RC_10 Datasheet
937Kb / 1P
Axial Coated Inductors
AC30-R10K-RC ALLIED-AC30-R10K-RC_10 Datasheet
1,003Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
AC80-1R0K-RC ALLIED-AC80-1R0K-RC Datasheet
1Mb / 1P
Axial Coated Inductors
AC20 ALLIED-AC20 Datasheet
969Kb / 1P
Axial Coated Inductors
AC30 ALLIED-AC30 Datasheet
967Kb / 1P
Axial Coated Inductors
AC35 ALLIED-AC35 Datasheet
1Mb / 2P
Axial Coated Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com