Electronic Components Datasheet Search
  English  ▼

X  

AHC40 Datasheet(PDF) 1 Page - Allied Components International

Part # AHC40
Description  Axial High Current Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AHC40 Datasheet(HTML) 1 Page - Allied Components International

  AHC40 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions (In.)
See Table
Features
• Axial leads for through-hole PC board
mounting.
• Pre-tinned leads.
• Low cost construction
• Designed for use with switching power
supplies and other high current filtering
applications.
Electrical
Inductance: Measured at 1KHz with no
DC current. Rated current will decrease
inductance by 10% or less.
Tolerance: 10% over entire inductance
range. Available in tighter tolerances.
Current Rating: Max. continuous operating
current (DC or RMS) at room temp.
Dielectric Rating: 2500 V RMS, 60 Hz
applied for one min. between winding and
outer circumference to within .25° of the
insulation sleeve edge.
Temp. Rating: Continuous operation at
temp. between -55 and +105° C.
Mechanical
Winding: layered solenoid type on
magnetic core.
Wire: Solid soft copper.
Leads: Tinned copper wire.
Cover: U.L. shrink tubing
Physical
Packaging: 100 pieces per tray.
A
C
D
B
C
AHC40-1-500K-RC
50
4.0
.12
1
.800
.475
1.25
20
AHC40-1-101K-RC
100
2.0
.18
1
.800
.475
1.25
20
AHC40-1-251K-RC
250
1.0
.30
1
1.05
.475
1.25
20
AHC40-1-501K-RC
500
.8
.50
1
1.05
.550
1.25
20
AHC40-1-102K-RC
1000
.5
.60
1
1.17
.550
1.25
20
AHC40-2-270K-RC
27
5.5 .085
2
.800
.500
1.25
20
AHC40-2-500K-RC
50
4.0
.10
2
.800
.500
1.25
20
AHC40-2-101K-RC
100
2.0
.15
2
.920
.500
1.25
20
AHC40-2-251K-RC
250
1.0
.25
2
.920
.600
1.25
20
AHC40-2-501K-RC
500
.5
.45
2
1.05
.750
1.25
20
AHC40-3-5R0K-RC
5
25.0 .025
3
.800
.475
1.25
20
AHC40-3-100K-RC
10
20.0 .035
3
.920
.475
1.25
20
AHC40-3-270K-RC
27
6.0
.05
3
.800
.550
1.25
20
AHC40-3-500K-RC
50
4.0 .065
3
.920
.500
1.25
20
AHC40-3-101K-RC
100
2.0 .075
3
1.17
.500
1.25
18
AHC40-5-5R0K-RC
5
50.0 .015
5
1.05
.475
1.25
18
AHC40-5-100K-RC
10
40.0 .025
5
1.05
.475
1.25
18
AHC40-5-270K-RC
27
7.0 .035
5
1.05
.700
1.25
18
AHC40-5-500K-RC
50
2.0
.05
5
1.05
.700
1.25
18
AHC40-5-101K-RC
100
1.0 .065
5
1.30
.700
1.25
18
Allied
Part
Number
Rated
Current
Max. (A)
Inductance
(µh)
SRF
Min.
(MHz)
A
Max.
(Inches)
DCR
Max.
(Ω)
B
Max.
(Inches)
C
Max.
(Inches)
D
AWG
All specifications subject to change without notice.
Axial High Current Chokes
AHC40
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Revised 03-16-12


Similar Part No. - AHC40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHC40-1-101K-RC ALLIED-AHC40-1-101K-RC Datasheet
736Kb / 1P
Axial High Current Chokes
AHC40-1-102K-RC ALLIED-AHC40-1-102K-RC Datasheet
736Kb / 1P
Axial High Current Chokes
AHC40-1-251K-RC ALLIED-AHC40-1-251K-RC Datasheet
736Kb / 1P
Axial High Current Chokes
AHC40-1-500K-RC ALLIED-AHC40-1-500K-RC Datasheet
736Kb / 1P
Axial High Current Chokes
AHC40-1-501K-RC ALLIED-AHC40-1-501K-RC Datasheet
736Kb / 1P
Axial High Current Chokes
More results

Similar Description - AHC40

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
11407 FRONTIER-11407 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
logo
Allied Components Inter...
AHC30-R15M-RC ALLIED-AHC30-R15M-RC Datasheet
769Kb / 1P
Axial High Current Chokes
AHC40-1-500K-RC ALLIED-AHC40-1-500K-RC Datasheet
736Kb / 1P
Axial High Current Chokes
AHC50-3R35M-RC ALLIED-AHC50-3R35M-RC Datasheet
852Kb / 1P
Axial High Current Chokes
logo
Frontier Electronics.
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
114113R9_-LFR FRONTIER-114113R9_-LFR Datasheet
78Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
logo
Allied Components Inter...
AHC30 ALLIED-AHC30 Datasheet
771Kb / 1P
Axial High Current Chokes
AHC50 ALLIED-AHC50 Datasheet
853Kb / 1P
Axial High Current Chokes
AVHF20 ALLIED-AVHF20 Datasheet
229Kb / 1P
Axial High Current Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com