Electronic Components Datasheet Search
  English  ▼

X  

APC40 Datasheet(PDF) 1 Page - Allied Components International

Part # APC40
Description  Axial Power Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

APC40 Datasheet(HTML) 1 Page - Allied Components International

  APC40 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.55
(13.98)
Features
• Axial pre-tinned leads.
• Protected with UL shrink tubing.
• Non standard values and tolerances
available.
• High saturation core material used for
high inductance and low DCR.
Dimensions:
20 AWG
All specifications subject to change without notice.
Axial Power Chokes
APC40
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
Inches
(mm)
1.00
(25.4)
APC40-3R9K-RC
3.9
10
.007
47.0
6.00
APC40-4R7K-RC
4.7
10
.008
42.0
6.00
APC40-5R6K-RC
5.6
10
.009
35.0
6.00
APC40-6R8K-RC
6.8
10
.010
29.0
6.00
APC40-8R2K-RC
8.2
10
.011
24.0
6.00
APC40-100K-RC
10
10
.012
19.0
6.00
APC40-120K-RC
12
10
.013
16.0
6.00
APC40-150K-RC
15
10
.014
14.8
6.00
APC40-180K-RC
18
10
.015
13.4
6.00
APC40-220K-RC
22
10
.016
12.4
6.00
APC40-270K-RC
27
10
.017
11.2
6.00
APC40-330K-RC
33
10
.021
10.2
6.00
APC40-390K-RC
39
10
.023
9.30
6.00
APC40-470K-RC
47
10
.025
8.70
6.00
APC40-560K-RC
56
10
.028
8.00
6.00
APC40-680K-RC
68
10
.039
7.00
4.70
APC40-820K-RC
82
10
.043
6.30
4.70
APC40-101K-RC
100
10
.055
5.70
3.80
APC40-121K-RC
120
10
.076
5.30
3.00
APC40-151K-RC
150
10
.084
4.70
3.00
APC40-181K-RC
180
10
.096
4.30
3.00
APC40-221K-RC
220
10
.108
4.00
3.00
APC40-271K-RC
270
10
.151
3.60
2.30
APC40-331K-RC
330
10
.168
3.20
2.30
APC40-391K-RC
390
10
.182
2.90
2.30
APC40-471K-RC
470
10
.202
2.60
2.30
APC40-561K-RC
560
10
.348
2.40
1.40
APC40-681K-RC
680
10
.470
2.20
1.20
APC40-821K-RC
820
10
.500
2.00
1.20
APC40-102K-RC
1000
10
.570
1.80
1.20
APC40-122K-RC
1200
10
.648
1.70
1.20
APC40-152K-RC
1500
10
.888
1.55
0.90
APC40-182K-RC
1800
10
1.16
1.40
0.75
APC40-222K-RC
2200
10
1.20
1.25
0.75
APC40-272K-RC
2700
10
1.44
1.10
0.75
APC40-332K-RC
3300
10
1.92
1.00
0.59
APC40-392K-RC
3900
10
2.16
0.90
0.59
APC40-472K-RC
4700
10
2.50
0.85
0.59
APC40-562K-RC
5600
10
3.20
0.78
0.45
APC40-682K-RC
6800
10
4.00
0.70
0.45
APC40-822K-RC
8200
10
5.20
0.65
0.35
APC40-103K-RC
10000
10
6.00
0.60
0.35
APC40-123K-RC
12000
10
8.00
0.54
0.27
APC40-153K-RC
15000
10
10.0
0.48
.200
APC40-183K-RC
18000
10
11.0
0.46
.200
Allied
Part
Number
Rated
Current
(A)
Inductance
(
µh)
Tolerance
(%)
Saturation
Current
(A)
DCR
Max.
(
Ω)
APC40-223K-RC
22000
10
13.0
0.39
.200
APC40-273K-RC
27000
10
15.0
0.355
.200
APC40-333K-RC
33000
10
21.0
0.33
.160
APC40-393K-RC
39000
10
23.2
0.30
.160
APC40-473K-RC
47000
10
32.0
0.27
.120
APC40-563K-RC
56000
10
35.0
0.175
.120
APC40-683K-RC
68000
10
48.0
0.145
.095
APC40-823K-RC
82000
10
54.3
0.12
.095
APC40-104K-RC
100000
10
68.5
0.10
.070
Electrical
Inductance: Measured at 1KHz with no
DC current.
Tolerance: 10% over entire inductance
range. Available in tighter tolerances.
Physical
Packaging: 100 pieces per tape and
Test Procedures: L measured on HP4263B
@ 1KHz
Current Rating: Based on Inductance drop
1.15
(29)
NOMINAL
1.15
(29)
NOMINAL
Operating Temp: -55ºC to + 125ºC
reel. 25 pieces per bag
Marking: EIA Inductance Code.
02/04/14
For Tape and Reel packaging please
add ”-TR” to the part number.
APC40-124K-RC
120000
10
75.0
0.08
.070
APC40-154K-RC
150000
10
84.3
0.06
.070
of less than 10% of initial value and a
temperature rise of not more than 30ºC
from initial value within the coil body.


Similar Part No. - APC40

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC44002S BEL-APC44002S Datasheet
56Kb / 1P
Flyback Transformer
logo
Allied Components Inter...
APC45 ALLIED-APC45 Datasheet
1Mb / 1P
Axial Molded Power Chokes
APC45-153K-RC ALLIED-APC45-153K-RC Datasheet
1Mb / 1P
Axial Molded Power Chokes
APC45-223K-RC ALLIED-APC45-223K-RC Datasheet
1Mb / 1P
Axial Molded Power Chokes
APC45-273K-RC ALLIED-APC45-273K-RC Datasheet
1Mb / 1P
Axial Molded Power Chokes
More results

Similar Description - APC40

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTH8VF CT-CTH8VF Datasheet
172Kb / 1P
Power Line Chokes - Axial
logo
Allied Components Inter...
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
Axial Power Chokes
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
Axial Lead Power Chokes
logo
Allied Components Inter...
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
Axial Power Chokes
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
Axial Molded Power Chokes
APC20 ALLIED-APC20 Datasheet
820Kb / 1P
Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
Axial Power Chokes
AMPC24 ALLIED-AMPC24 Datasheet
605Kb / 2P
Axial Molded Power Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com