Electronic Components Datasheet Search
  English  ▼

X  

NDL5481P Datasheet(PDF) 1 Page - NEC

Part # NDL5481P
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 80 mm InGaAs PIN PHOTO DIODE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5481P Datasheet(HTML) 1 Page - NEC

  NDL5481P Datasheet HTML 1Page - NEC NDL5481P Datasheet HTML 2Page - NEC NDL5481P Datasheet HTML 3Page - NEC NDL5481P Datasheet HTML 4Page - NEC NDL5481P Datasheet HTML 5Page - NEC NDL5481P Datasheet HTML 6Page - NEC NDL5481P Datasheet HTML 7Page - NEC NDL5481P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice.
PHOTO DIODE
NDL5461P Series
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS
φφφφ80 µµµµm InGaAs PIN PHOTO DIODE MODULE
1994
©
Document No. P10310EJ3V0DS00 (3rd edition)
Date Published March 1996 P
Printed in Japan
The mark
•
•
•
• shows major revised points.
DATA SHEET
DESCRIPTION
NDL5461P Series is InGaAs PIN photo diode modules with multimode fiber.
They are designed for long
wavelength transmission systems and cover the wavelength range between 1 000 and 1 600 nm with high efficiency.
FEATURES
•
Smaller dark current
ID = 0.1 nA
•
High quantum efficiency
η = 86 % @ λ = 1 300 nm
η = 75 % @ λ = 1 550 nm
•
Detecting area size
φ80 µm
•
Low operating voltage
VR = 5 V
•
Coaxial module with multimode fiber (GI-50/125) or optional singlemode fiber (SM-9/125)
•
NDL5461P1 and NDL5461P2 have a flange.
2
3
1
φ2.0
φ0.45
φ6.0
φ2.5
Shrunk tube
Shrunk tube
Shrunk tube
Optical Fiber:
GI-50/125
Length: 1 m MIN.
NDL5461P
LEAD CONNECTION
1 Anode (Negative)
2 Cathode (Positive)
3 Case
3
1
2
φ2.5
Optical Fiber:
GI-50/125
Length: 1 m MIN.
NDL5461P1
14.0±0.1
φ6.0
φ
2– 2.2
18.0±0.1
2
3
1
φ6.0
φ2.5
Optical Fiber:
GI-50/125
Length: 1 m MIN.
NDL5461P2
12.0±0.1
16.0±0.2
φ
2– 2.5
+0.0
–0.1
+0.0
–0.1
+0.0
–0.1
2
3
1
φ2.0
φ2.0
PACKAGE DIMENSIONS
in millimeters
•


Similar Part No. - NDL5481P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5481P NEC-NDL5481P Datasheet
62Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5481P NEC-NDL5481P Datasheet
59Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5481P NEC-NDL5481P Datasheet
68Kb / 8P
1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
NDL5481P NEC-NDL5481P Datasheet
75Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5481P NEC-NDL5481P Datasheet
76Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
More results

Similar Description - NDL5481P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL5421P NEC-NDL5421P Datasheet
62Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
NDL5471R NEC-NDL5471R Datasheet
59Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE
NDL5481P NEC-NDL5481P Datasheet
68Kb / 8P
1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
NDL5531P NEC-NDL5531P Datasheet
75Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P NEC-NDL5551P Datasheet
76Kb / 8P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE
logo
California Eastern Labs
NDL5421P CEL-NDL5421P_00 Datasheet
36Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50um InGaAs PIN PHOTO DIODE MODULE
NDL5461P CEL-NDL5461P_00 Datasheet
37Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 80 um InGaAs PIN PHOTO DIODE MODULE
NDL5531P CEL-NDL5531P_00 Datasheet
47Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 30um InGaAs AVALANCHE PHOTO DIODE MODULE
NDL5551P CEL-NDL5551P_00 Datasheet
48Kb / 5P
1000 to 1600 nm OPTICAL FIBER COMMUNICATIONS 50 um InGaAs AVALANCHE PHOTO DIODE MODULE
logo
Renesas Technology Corp
NR8300FP-CC RENESAS-NR8300FP-CC_15 Datasheet
191Kb / 11P
1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS f 30 mm InGaAs AVALANCHE PHOTO DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com