Electronic Components Datasheet Search
  English  ▼

X  

B042001 Datasheet(PDF) 1 Page - E-SWITCH

Part # B042001
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B042001 Datasheet(HTML) 1 Page - E-SWITCH

  B042001 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SECTION A-A
SCALE 2:1
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
320.2CAPWHT
2:1
11/16/2011
B042001
B
BGL
1
1
AA
B
20287
CHANGE DIM WAS 8.0
11/16/11
BGL
4.00
[.158 in]
7.80
[.307 in]
11.10
[.437 in]
1.13
[.044 in]
22.00
[.866 in]
12.40
[.488 in]
6.75
[.266 in]
10.20
[.402 in]
o
3.80
[.150 in]
3.30
[.130 in]
n3.90
[.154 in]
6.80
[.268 in]
.50
[.020 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.XX = 0.25
3. CAP MATERIAL: ABS
4. CAP COLOR: WHITE
B


Similar Part No. - B042001

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B042000 E-SWITCH-B042000 Datasheet
33Kb / 1P
All Dimension In MM
B042002 E-SWITCH-B042002 Datasheet
33Kb / 1P
All Dimension In MM
B042003 E-SWITCH-B042003 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B042004 E-SWITCH-B042004 Datasheet
20Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
Tripp Lite. All Rights ...
B042004 TRIPPLITE-B042004 Datasheet
478Kb / 2P
4-Port 1U Rack-Mount USB-PS2 KVM Switch with On-Screen Display
More results

Similar Description - B042001

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com