Electronic Components Datasheet Search
  English  ▼

X  

AS50 Datasheet(PDF) 1 Page - Allied Components International

Part # AS50
Description  Axial Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AS50 Datasheet(HTML) 1 Page - Allied Components International

  AS50 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AS50-R10K-RC
.10
10
50
25.0
400
0.26
3000
3000
AS50-R12K-RC
.12
10
50
25.0
400
0.29
2860
2860
AS50-R15K-RC
.15
10
50
25.0
400
0.34
2600
2600
AS50-R18K-RC
.18
10
50
25.0
400
0.44
2300
2300
AS50-R22K-RC
.22
10
50
25.0
400
0.56
2050
2050
AS50-R27K-RC
.27
10
50
25.0
400
0.90
1625
1625
AS50-R33K-RC
.33
10
47
25.0
325
.122
1400
1400
AS50-R39K-RC
.39
10
47
25.0
390
.161
1220
1220
AS50-R47K-RC
.47
10
47
25.0
264
.218
1060
1060
AS50-R56K-RC
.56
10
45
25.0
249
.290
900
900
AS50-R68K-RC
.68
10
43
25.0
221
.382
790
790
AS50-R82K-RC
.82
10
41
25.0
200
.450
725
725
AS50-1R0K-RC
1.0
10
42
25.0
156
0.54
2080
2080
AS50-1R2K-RC
1.2
10
43
7.90
144
.070
1840
1840
AS50-1R5K-RC
1.5
10
41
7.90
128
0.96
1560
1560
AS50-1R8K-RC
1.8
10
42
7.90
121
.107
1480
1480
AS50-2R2K-RC
2.2
10
42
7.90
108
.142
1290
1290
AS50-2R7K-RC
2.7
10
41
7.90
96.0
.184
1130
1130
AS50-3R3K-RC
3.3
10
41
7.90
88.0
.260
950
950
AS50-3R9K-RC
3.9
10
41
7.90
84.0
.354
815
815
AS50-4R7K-RC
4.7
10
42
7.90
72.0
.168
710
710
AS50-5R6K-RC
5.6
10
42
7.90
69.0
.511
680
680
AS50-6R8K-RC
6.8
10
42
7.90
62.0
.750
560
560
AS50-8R2K-RC
8.2
10
46
7.90
58.0
.828
535
535
AS50-100K-RC
10
10
46
2.50
53.0
1.27
532
432
AS50-120K-RC
12
10
50
2.50
47.0
1.76
368
368
AS50-150K-RC
15
10
50
2.50
41.0
2.30
325
325
AS50-180K-RC
18
10
50
2.50
43.0
.667
596
235
AS50-220K-RC
22
10
50
2.50
38.0
.742
565
220
AS50-270K-RC
27
10
50
2.50
36.0
.850
526
200
AS50-330K-RC
33
10
50
2.50
33.0
.928
505
190
AS50-390K-RC
39
10
50
2.50
29.4
1.28
429
180
AS50-470K-RC
47
10
55
2.50
26.5
1.48
400
175
AS50-560K-RC
56
10
55
2.50
25.0
1.64
380
160
AS50-680K-RC
68
10
55
2.50
23.0
2.20
328
150
AS50-820K-RC
82
10
55
2.50
14.0
1.96
349
140
AS50-101K-RC
100
10
65
2.50
12.0
2.28
322
120
AS50-121K-RC
120
10
65
0.79
11.2
2.45
311
95
AS50-151K-RC
150
10
65
0.79
10.5
2.79
294
90
AS50-181K-RC
180
10
65
0.79
10.0
3.08
277
85
AS50-221K-RC
220
10
65
0.79
9.40
3.48
251
80
AS50-271K-RC
270
10
65
0.79
8.00
4.55
231
70
AS50-331K-RC
330
10
65
0.79
7.30
5.10
215
65
AS50-391K-RC
390
10
65
0.79
6.90
5.62
205
60
AS50-471K-RC
470
10
70
0.79
6.50
6.45
192
58
AS50-561K-RC
560
10
70
0.79
6.00
8.00
174
55
AS50-681K-RC
680
10
75
0.79
5.60
8.85
163
50
AS50-821K-RC
820
10
70
0.79
4.80
10.4
151
45
AS50-102K-RC
1000
10
65
0.79
4.50
12.1
139
40
AS50-122K-RC
1200
10
70
.250
2.60
15.1
125
35
AS50-152K-RC
1500
10
70
.250
2.50
16.8
119
33
AS50-182K-RC
1800
10
70
.250
2.30
19.1
111
30
AS50-222K-RC
2200
10
70
.250
2.20
22.0
103
27
AS50-272K-RC
2700
10
70
.250
2.10
25.1
97
25
AS50-332K-RC
3300
10
70
.250
2.00
33.3
85
22
AS50-392K-RC
3900
10
70
.250
1.80
36.8
80
20
AS50-472K-RC
4700
10
70
.250
1.70
51.2
68
19
AS50-562K-RC
5600
10
70
.250
1.60
54.6
66
17
AS50-682K-RC
6800
10
70
.250
1.50
62.0
62
16
AS50-822K-RC
8200
10
70
.250
1.40
86.6
52
15
AS50-103K-RC
10000
10
70
.250
1.30
93.1
50
14
AS50-123K-RC
12000
10
50
.079
.880
84
53
13
AS50-153K-RC
15000
10
50
.079
.780
97
49
12
AS50-183K-RC
18000
10
50
.079
.720
104
48
10
AS50-223K-RC
22000
10
50
.079
.570
145
40
9
AS50-273K-RC
27000
10
50
.079
.460
195
34
8
AS50-333K-RC
33000
10
50
.079
.420
222
32
7
AS50-393K-RC
39000
10
50
.079
.420
242
31
6
AS50-473K-RC
47000
10
50
.079
.370
317
27
5.5
AS50-563K-RC
56000
10
50
.079
.360
362
25
5
AS50-683K-RC
68000
10
50
.079
.350
410
24
4
AS50-823K-RC
82000
10
50
.079
.340
440
23
3.5
AS50-104K-RC 100000
10
50
.079
.320
484
22
3
Rated
Current
(mA)
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Incr.
Current
(mA)
All specifications subject to change without notice.
Electrical
Tolerance: ±10% over the entire
inductance range. Tighter tolerances
available.
Shielding: < 5% coupling, units side by
side at 1 KHz.
Design: To meet MIL-C-15305 Grade
Packaging (bulk): 500 pieces per bag.
Packaging (tape & reel): 2500 pieces
per reel.
AS50 Axial Shielded Inductors
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
NOMINAL
24AWG
0.450
(11.43)
MAX.
Dimensions:
Inches
(mm)
0.157±0.007
(3.99±0.18)
Rated Current: Inductance will drop
< 10% at rated current.
Test Procedures: L & Q Measured with
HP4342A Q-Meter L for 27 uH~100mH
tested on 1KHz LCR Bridge DCR
Measured on CH-301, SRF Measured on
Physical
Marking (on part): 5 Band Color Code
per MIL-C-15305.
Marking (on reel): Manufacturers
Name, Part Number, Customers
Part Number, Invoice Number, Lot
or Data Code.
1.15
(29)
1.15
(29)
NOMINAL
HP-4191A, HP4291B.
Operating Temp.: -55°C to + 125°C.
1, Class B.
REVISED 10/12/11
For Tape and Reel packaging please
add ”-TR” to the part number.
Dielectric Withstanding Voltage:
1000VAC per MIL-STD-202, method 301


Similar Part No. - AS50

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
961Kb / 1P
Axial Shielded Inductors
AS50-101K-RC ALLIED-AS50-101K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS50-101K-RC ALLIED-AS50-101K-RC Datasheet
961Kb / 1P
Axial Shielded Inductors
AS50-102K-RC ALLIED-AS50-102K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS50

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS5F CT-CTS5F Datasheet
161Kb / 1P
Shielded Inductors - Axial
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS20-R10K-RC ALLIED-AS20-R10K-RC_10 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC_10 Datasheet
961Kb / 1P
Axial Shielded Inductors
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com