Electronic Components Datasheet Search
  English  ▼

X  

NE76118 Datasheet(PDF) 2 Page - NEC

Part # NE76118
Description  L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE76118 Datasheet(HTML) 2 Page - NEC

  NE76118 Datasheet HTML 1Page - NEC NE76118 Datasheet HTML 2Page - NEC NE76118 Datasheet HTML 3Page - NEC NE76118 Datasheet HTML 4Page - NEC NE76118 Datasheet HTML 5Page - NEC NE76118 Datasheet HTML 6Page - NEC NE76118 Datasheet HTML 7Page - NEC NE76118 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NE76118
RECOMMENDED OPERATING CONDITION (TA = 25
qqqqC)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
34
V
Drain Current
ID
10
20
mA
Input Power
Pin
0
dBm
ELECTRICAL CHARACTERISTICS (TA = 25
qqqqC)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Gate to Source Leak Current
IGSO
ðð
10
PAVGS = ð5 V
Saturated Drain Current
IDSS
30
ð
100
mA
VDS = 3 V, VGS = 0 V
Gate to Source Cut off Voltage
VGS(off)
ð0.5
ðð3.0
V
VDS = 3 V, ID = 100
PA
Transconductance
gm
20
45
ð
mS
VDS = 3 V, ID = 10 mA
Noise Figure
NF
0.8
dB
f = 2 GHz
Associated Gain
Ga
13.5
dB
Noise Figure
NF
0.9
1.4
dB
f = 4 GHz
Associated Gain
Ga
9.5
10.5
dB
IDSS rank is specified as follows.
K : 30 to 100 mA
M : 50 to 100 mA
VDS = 3 V
ID = 10 mA,



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com