Electronic Components Datasheet Search
  English  ▼

X  

KSC6 Datasheet(PDF) 3 Page - C&K Components

Part # KSC6
Description  Sealed Tact Switch for SMT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC6 Datasheet(HTML) 3 Page - C&K Components

  KSC6 Datasheet HTML 1Page - C&K Components KSC6 Datasheet HTML 2Page - C&K Components KSC6 Datasheet HTML 3Page - C&K Components KSC6 Datasheet HTML 4Page - C&K Components KSC6 Datasheet HTML 5Page - C&K Components KSC6 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTION
CODE
OPERATING FORCE
0
1.2 N (120 grams)
1
1.4 N (140 grams)
2
1.6 N / 1.7 N (160/170 grams)
4
3 N / 4 N (300/400 grams)
5
5.5 N (550 grams)
6
4.5 N / 8 N (450/800 grams)
B–37
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
9 Apr 14
OPERATING FORCE
KSC Series
Sealed Tact Switch for SMT
CONTACT MATERIAL
OPTION
CODE
MATERIAL
1
SILVER
2
SILVER LONG LIFE
3
GOLD
4
GOLD LONG LIFE
TERMINATION
J J BEND
G GULLWING
10
( 7,6 )
12 mini
5,8 maxi
PAD LAYOUT
6,8
3,3 mini
8,6 mini
3 maxi
PAD LAYOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com