Electronic Components Datasheet Search
  English  ▼

X  

NE960R200 Datasheet(PDF) 7 Page - NEC

Part # NE960R200
Description  0.2 W X, Ku-BAND POWER GaAs MES FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE960R200 Datasheet(HTML) 7 Page - NEC

Back Button NE960R200 Datasheet HTML 3Page - NEC NE960R200 Datasheet HTML 4Page - NEC NE960R200 Datasheet HTML 5Page - NEC NE960R200 Datasheet HTML 6Page - NEC NE960R200 Datasheet HTML 7Page - NEC NE960R200 Datasheet HTML 8Page - NEC NE960R200 Datasheet HTML 9Page - NEC NE960R200 Datasheet HTML 10Page - NEC NE960R200 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Data Sheet P13775EJ2V0DS00
7
NE960R2 SERIES
PACKAGE DIMENSIONS
PACKAGE CODE-75 (Unit: mm)
1.8
2.7
7.0
9.8 MAX.
0.5
Gate
φ
Drain
PHYSICAL DIMENSIONS
NE960R200 (CHIP) (Unit:
µµµµm)
NE961R200 (CHIP) (Unit:
µµµµm)
G
D
Source
285
80
150
880
80
150
µ
80
285
285
Remark Chip thickness
G
D
Source is grounded through via hole.
: 100 m
: Gate
: Drain
G
D
Source
285
80
150
880
80
150
µ
80
285
285
Remark Chip thickness
G
D
: 140 m
: Gate
: Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com