Electronic Components Datasheet Search
  English  ▼

X  

2N4399 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N4399
Description  PNP HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4399 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4399 Datasheet HTML 1Page - Microsemi Corporation 2N4399 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/433
Devices
Qualified Level
2N4399
2N5745
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N4399
2N5745
Unit
Collector-Emitter Voltage
VCEO
60
80
Vdc
Collector-Base Voltage
VCBO
60
80
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Base Current
IB
7.5
Adc
Collector Current
IC
30
20
Adc
Total Power Dissipation
@ TA =+ 25
0C (1)
@ TC = +100
0C (2)
PT
5.0
115
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-55 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance,
Junction-to-Case
Junction-to-Ambient
RθJC
RθJA
3
0.875
35
0C/W
1)
Derate linearly @ 28.57 mW/
0C for TA > +250C
2)
Derate linearly @ 1.15 W/
0C for TC > +1000C
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 200 mAdc
2N4399
2N5745
V(BR)CEO
60
80
Vdc
Collector-Emitter Cutoff Current
VCE = 60 Vdc
2N4399
VCE = 80 Vdc
2N5745
ICEO
100
100
µAdc
Collector-Emitter Cutoff Current
VCE = 60 Vdc, VBE = 1.5 Vdc
2N4399
VCE = 80 Vdc, VBE = 1.5 Vdc
2N5745
ICEX
5.0
5.0
µAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
5.0
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2
TO-3*
(TO-204AA)


Similar Part No. - 2N4399

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4399 MOSPEC-2N4399 Datasheet
158Kb / 4P
POWER TRANSISTORS(200W)
logo
Boca Semiconductor Corp...
2N4399 BOCA-2N4399 Datasheet
165Kb / 4P
PNP SILICON HIGH-POWER TRANSISTORS
logo
Microsemi Corporation
2N4399 MICROSEMI-2N4399 Datasheet
57Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N4399 ETC-2N4399 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4399 SAVANTIC-2N4399 Datasheet
115Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2N4399

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD802 MOTOROLA-BD802 Datasheet
94Kb / 4P
Plastic High Power Silicon PNP Transistor
BD808 MOTOROLA-BD808 Datasheet
104Kb / 4P
Plastic High Power Silicon PNP Transistor
logo
Microsemi Corporation
2N4399 MICROSEMI-2N4399 Datasheet
57Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
2N3791 MICROSEMI-2N3791 Datasheet
64Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
2N7369JAN MICROSEMI-2N7369JAN Datasheet
55Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
2N6211 MICROSEMI-2N6211 Datasheet
58Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
2N7371 MICROSEMI-2N7371 Datasheet
55Kb / 2P
PNP DARLINGTON HIGH POWER SILICON TRANSISTOR
2N7369 MICROSEMI-2N7369 Datasheet
59Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
logo
ON Semiconductor
MJ4502 ONSEMI-MJ4502 Datasheet
134Kb / 4P
High-Power PNP Silicon Transistor
October, 2009 ??Rev. 12
logo
Microsemi Corporation
JANTX2N5745 MICROSEMI-JANTX2N5745 Datasheet
58Kb / 2P
PNP HIGH POWER SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com