Electronic Components Datasheet Search
  English  ▼

X  

AT3945 Datasheet(PDF) 1 Page - Allied Components International

Part # AT3945
Description  Audio Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AT3945 Datasheet(HTML) 1 Page - Allied Components International

  AT3945 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
01/03/14
SCHEMATICS
08
B
A
C
D
E
F
G
H
K
L
5
8
4
1
A=11.7/0.461
F=13.90/0.547
K=5.6/0.220
B=10.0/0.394
G=7.50/0.295
L=0.6/0.0236 typ
C=6.20/0.244
H=8.70/0.342
D=1.40/0.055
I =8.70/0.342
E=10.0/0.394
J=2.54/0.098
AT3945
YYWW
․
Allied
Unless otherwise specified, all tolerance are ± 0.25mm / 0.010
Marking :
All specifications subject to change without notice.
MECHANICAL
Audio Transformer
AT3945
For Digital Audio Data application
Operating Temperature Range: -0ºC to +70ºC
Reflow Condition: Maximum reflow temp is
250ºC/-5ºC, time is 20~40 sec.
(Refer to IPC/ JEDEC J-STD-020C Standard)
Electrical Specifications @ 25°C
Part
Number
Turn Ratio
(±2%)
Inductance
LL
(uH Max)
Bandwidth
100K~55MHz
Return Loss
HI-POT
(Vrms)
AT3945
2000V
Part
Number
1:1
Lp@100KHz, 0.1V
2mH ~ 3mH
0.5uH
100K~10MHz
3dB typ
20dB Min


Similar Part No. - AT3945

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
AT394-03-3 SENSATA-AT394-03-3 Datasheet
8Mb / 17P
SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)
Rev:06/04/19
logo
Coilcraft lnc.
AT394RAT13N_SZ COILCRAFT-AT394RAT13N_SZ Datasheet
523Kb / 2P
200째C Air Core Inductors
AT394RAT5N6_SZ COILCRAFT-AT394RAT5N6_SZ Datasheet
523Kb / 2P
200째C Air Core Inductors
AT394RAT7N2_SZ COILCRAFT-AT394RAT7N2_SZ Datasheet
523Kb / 2P
200째C Air Core Inductors
AT394RAT8N8_SZ COILCRAFT-AT394RAT8N8_SZ Datasheet
523Kb / 2P
200째C Air Core Inductors
More results

Similar Description - AT3945

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-434S ETC2-A-434S Datasheet
80Kb / 1P
Audio Transformer
logo
Rhombus Industries Inc.
T-803 RHOMBUS-IND-T-803 Datasheet
24Kb / 1P
Audio Transformer
7/15/96
T-835 RHOMBUS-IND-T-835 Datasheet
30Kb / 1P
Audio Transformer
2/3/97
T-931 RHOMBUS-IND-T-931 Datasheet
36Kb / 1P
AUDIO Transformer
05/06/97
T-1024 RHOMBUS-IND-T-1024 Datasheet
40Kb / 1P
Audio Transformer
5/29/97
T-1412 RHOMBUS-IND-T-1412 Datasheet
17Kb / 1P
Audio Transformer
5/29/97
logo
Allied Components Inter...
AEP-158S ALLIED-AEP-158S Datasheet
287Kb / 1P
AUDIO TRANSFORMER
logo
XFMRS Inc.
XF24-600600 XFMRS-XF24-600600 Datasheet
41Kb / 1P
AUDIO TRANSFORMER
logo
Allied Components Inter...
AT4365 ALLIED-AT4365 Datasheet
1Mb / 1P
AUDIO TRANSFORMER
AT4539 ALLIED-AT4539 Datasheet
644Kb / 1P
AUDIO TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com