Electronic Components Datasheet Search
  English  ▼

X  

CC05 Datasheet(PDF) 1 Page - Allied Components International

Part # CC05
Description  Ceramic Core Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

CC05 Datasheet(HTML) 1 Page - Allied Components International

  CC05 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CC05 Ceramic Core Chip Inductors
Rated
Current
(mA)
CC05-2N8K-RC
CC05-3N0K-RC
CC05-3N3K-RC
CC05-5N6K-RC
CC05-6N8K-RC
CC05-7N5K-RC
CC05-8N2K-RC
CC05-10NK-RC
CC05-12NK-RC
CC05-15NJ-RC
CC05-18NJ-RC
CC05-22NJ-RC
CC05-24NJ-RC
CC05-27NJ-RC
CC05-33NJ-RC
CC05-36NJ-RC
CC05-39NJ-RC
CC05-43NJ-RC
CC05-47NJ-RC
CC05-56NJ-RC
CC05-68NJ-RC
CC05-82NJ-RC
CC05-91NJ-RC
CC05-100NJ-RC
CC05-110NJ-RC
CC05-120NJ-RC
CC05-150NJ-RC
CC05-180NJ-RC
CC05-220NJ-RC
CC05-240NJ-RC
CC05-270NJ-RC
CC05-330NJ-RC
CC05-390NJ-RC
CC05-470NJ-RC
CC05-560NJ-RC
CC05-680NJ-RC
CC05-820NJ-RC
Allied
Part
Number
Inductance
(nh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
2.8
3.0
3.3
5.6
6.8
7.5
8.2
10
12
15
18
22
24
27
33
36
39
43
47
56
68
82
91
100
110
120
150
180
220
240
270
330
390
470
560
680
820
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
200
200
200
200
150
150
150
150
150
100
100
100
100
100
100
100
50
25
25
25
80
65
50
65
50
50
50
60
50
50
50
55
50
55
60
55
60
60
60
60
60
65
65
65
50
50
50
50
50
44
48
48
48
33
23
23
23
1500
1500
1500
1000
1000
1000
1000
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
500
250
250
250
250
250
250
250
250
250
100
50
50
50
7900
7900
7900
5500
5500
4500
4700
4200
4000
3400
3300
2600
2000
2500
2050
1700
2000
1650
1650
1550
1450
1300
1200
1200
1000
1100
920
870
850
690
650
600
560
375
340
188
215
0.06
0.06
0.08
0.08
0.11
0.14
0.12
0.10
0.15
0.17
0.20
0.22
0.22
0.25
0.27
0.27
0.29
0.34
0.31
0.34
0.38
0.42
0.48
0.46
0.48
0.51
0.56
0.64
0.70
1.00
1.00
1.40
1.50
1.76
1.90
2.20
2.35
800
800
600
600
600
600
600
600
600
600
600
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
400
400
350
350
310
290
250
230
190
180
Test
Freq.
(MHz)
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
0.090
(2.29)
MAX.
0.068
(1.73)
MAX.
MIN.
0.060
(1.52)
MAX.
0.030
(0.76)
0.070
(1.79)
0.040
(1.02)
0.020±0.004
(0.51±0.10)
0.006
(0.15)
0.050±0.004
(1.27±0.10)
Dimensions:
Inches
(mm)
CC05-200NJ-RC
200
100
50
250
860
0.68
400
5
CC05-250NJ-RC
250
100
45
250
660
1.20
350
5
CC05-620NJ-RC
620
25
23
50
220
2.20
210
5
CC05-1R0NJ-RC
1000
25
20
50
100
2.50
170
5
Features
• 0805 size suitable for pick and place
• Ceramic core provide high self resonant
• High Q values at high frequencies
Electrical
Inductance Range: 2.70nH to 4700nH
Tolerance:
5% over entire range, excpet
Test Frequency:
At specified frequency with
Operating Temp: -40ºC ~ 125ºC
Irms:
Based on 15ºC temperature rise @
Test Equipment
(L/Q):
HP4286A / HP4287A / Agilent E4991A
Test Method: Re
flow Solder the devide onto PCB
Physical
Packaging:
2000 pieces per 7 inch reel.
• Low Profile under 1.52mm
• Ceramic core also provides excellent thermal
Resistance to Soldering Heat
Solder
Composition: Sn/Ag3.0/Cu0.5
Total test time: 6 minutes
(SRF):
HP8753D / Agilent E4991
(RDC):
Chen Hwa 502BC
Irms: HP4284A + HP42841A / HP4285A +
Marking:
Single Dot Color Code System
automation
frequency.
and batch consistency
Most values available in tighter tolerances
Test OSC @ 200mV
25º Ambient.
Pea
k Temp: 260ºC ± 5ºC for 10 sec.
HP42841A
2.8nH thru 12nH they are available in 10%
REVISED 10/14/2014
Also available in 5% = J and 2% = G
CC05-2N7K-RC
2.7
250
50
1500
7900
0.06
800
10
CC05-300NJ-RC
300
100
25
250
450
1.40
310
5
CC05-510NJ-RC
510
25
23
50
340
1.90
230
5
CC05-1R8NJ-RC
CC05-3R3NJ-RC
1800
3300
7.9
7.9
16
15
7.9
7.9
80
40
2.50
4.40
170
90
5
5
CC05-1R2NJ-RC
1200
7.9
25
100
2.50
170
5
CC05-4R7NJ-RC
4700
7.9
7.9
40
6.40
5
18
15
90
All specifications subject to change wtihout notice.


Similar Part No. - CC05

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC05-1000NJ-RC ALLIED-CC05-1000NJ-RC Datasheet
392Kb / 1P
Ceramic Core Chip Inductors
logo
BRIGHT LED ELECTRONICS ...
CC05-1000NJ-RC BRIGHT-CC05-1000NJ-RC Datasheet
399Kb / 1P
Ceramic Core Chip Inductors
logo
Allied Components Inter...
CC05-100NJ-RC ALLIED-CC05-100NJ-RC Datasheet
392Kb / 1P
Ceramic Core Chip Inductors
logo
BRIGHT LED ELECTRONICS ...
CC05-100NJ-RC BRIGHT-CC05-100NJ-RC Datasheet
399Kb / 1P
Ceramic Core Chip Inductors
logo
Allied Components Inter...
CC05-10NK-RC ALLIED-CC05-10NK-RC Datasheet
392Kb / 1P
Ceramic Core Chip Inductors
More results

Similar Description - CC05

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CC02-1N0K-RC ALLIED-CC02-1N0K-RC Datasheet
393Kb / 1P
Ceramic Core Chip Inductors
CC03-1N6K-RC ALLIED-CC03-1N6K-RC Datasheet
395Kb / 1P
Ceramic Core Chip Inductors
CC05-2N8K-RC ALLIED-CC05-2N8K-RC Datasheet
392Kb / 1P
Ceramic Core Chip Inductors
CC10-10NK-RC ALLIED-CC10-10NK-RC Datasheet
393Kb / 1P
Ceramic Core Chip Inductors
logo
BRIGHT LED ELECTRONICS ...
CC02-1N0K-RC BRIGHT-CC02-1N0K-RC_10 Datasheet
396Kb / 1P
Ceramic Core Chip Inductors
CC03-1N6K-RC BRIGHT-CC03-1N6K-RC_10 Datasheet
403Kb / 1P
Ceramic Core Chip Inductors
CC05-2N8K-RC BRIGHT-CC05-2N8K-RC_10 Datasheet
399Kb / 1P
Ceramic Core Chip Inductors
logo
Allied Components Inter...
CC02 ALLIED-CC02 Datasheet
575Kb / 2P
Ceramic Core Chip Inductors
CC03 ALLIED-CC03 Datasheet
406Kb / 1P
Ceramic Core Chip Inductors
CC10 ALLIED-CC10 Datasheet
398Kb / 1P
Ceramic Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com