Electronic Components Datasheet Search
  English  ▼

X  

HCB10 Datasheet(PDF) 1 Page - Allied Components International

Part # HCB10
Description  High Current Beads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

HCB10 Datasheet(HTML) 1 Page - Allied Components International

  HCB10 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 06/08/09
High Current Beads
HCB10
Allied
Part
Number
Impedance (
Ω)
@ 100 MHz
+/- 25%
DC
Resistance
(
Ω) Max.
Rated
Current
(mA)
HCB10
All specifications subject to change without notice.
HCB10-110-RC
HCB10-170-RC
HCB10-300-RC
HCB10-500-RC
HCB10-600-RC
HCB10-800-RC
HCB10-131-RC
HCB10-201-RC
HCB10-301-RC
HCB10-102-RC
11
17
30
50
60
80
130
200
300
1000
0.01
0.02
0.02
.025
0.03
0.04
0.05
0.05
0.08
0.12
6000
5000
4000
3000
3000
3000
2500
2500
2000
1500
HCB10
0.079±0.008
(2.01±0.20)
0.049±0.008
(1.24±0.20)
0.035±0.008
(0.89±0.20)
0.020±0.012
(0.51±0.30)
0.047
(1.19)
0.045
(1.14)
0.039
(0.99)
Dimensions:
Inches
(mm)
HCB10-050-RC
HCB10-070-RC
5
7
0.01
0.01
6000
6000
HCB10-150-RC
15
0.02
5000
HCB10-130-RC
13
0.02
5000
HCB10-190-RC
HCB10-280-RC
19
28
0.02
0.02
4000
4000
HCB10-260-RC
26
0.02
4000
HCB10-220-RC
22
0.02
4000
HCB10-310-RC
HCB10-420-RC
31
42
0.02
.025
4000
3000
HCB10-320-RC
HCB10-400-RC
32
40
0.02
0.02
4000
3000
HCB10-390-RC
39
0.02
3000
HCB10-330-RC
33
0.02
4000
HCB10-700-RC
HCB10-750-RC
70
75
0.04
0.04
3000
3000
HCB10-121-RC
121
0.04
HCB10-900-RC
HCB10-101-RC
90
100
0.04
0.04
3000
3000
3000
HCB10-181-RC
180
0.05
2500
HCB10-151-RC
150
0.05
2500
HCB10-251-RC
250
0.08
2000
HCB10-241-RC
240
0.08
2000
HCB10-221-RC
220
0.08
2000
HCB10-401-RC
HCB10-601-RC
400
600
0.10
0.10
2000
2000
HCB10-391-RC
390
0.10
2000
HCB10-501-RC
500
0.10
2000
HCB10-471-RC
470
0.10
2000
HCB10-451-RC
450
0.10
2000
HCB10-751-RC
750
0.12
1500
HCB10-152-RC
1500
0.30
1000
HCB10-331-RC
330
0.08
2000
Electrical
Impedance Range:
5 to 1500Ω
Tolerance: 25% over entire range
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260±5ºC for 10sec ±1 sec.
Minimum of 75% of Electrode covered with new solder.
Test Equipment
Physical
Packaging: 4000 per 7 inch reel.
Marking: None
(Z): HP4291A RF Impedance/Material Analyzer
(RDC): Chen Hwa 502BC
Impedance within 30% of initial value.
Operating Temp: -55ºC ~ +125ºC
Rate Current: Based on temp rise not to exceed 30ºC
Rate current is derated as indicated below based on
operating temp.
Features
• Surface mount EMI suppression components
• Nickel barrier termination for excellent resistance to solder heat
• High current capacity
• Wide range of impedance values
• Multi layer technology
• Low DCR
• Flow and reflow soldering
Storage Temp: Under 25ºC at 40~60% Humidity
HCB10-470-RC
47
0.03
3000


Similar Part No. - HCB10

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HCB10-050-RC ALLIED-HCB10-050-RC Datasheet
1Mb / 1P
High Current Beads
HCB10-070-RC ALLIED-HCB10-070-RC Datasheet
1Mb / 1P
High Current Beads
HCB10-101-RC ALLIED-HCB10-101-RC Datasheet
1Mb / 1P
High Current Beads
HCB10-102-RC ALLIED-HCB10-102-RC Datasheet
1Mb / 1P
High Current Beads
HCB10-110-RC ALLIED-HCB10-110-RC Datasheet
1Mb / 1P
High Current Beads
More results

Similar Description - HCB10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MH4532-700Y BOURNS-MH4532-700Y Datasheet
1Mb / 8P
High Current Chip Ferrite Beads
logo
Allied Components Inter...
HCB03-100-RC ALLIED-HCB03-100-RC Datasheet
1Mb / 1P
High Current Beads
HCB10-050-RC ALLIED-HCB10-050-RC Datasheet
1Mb / 1P
High Current Beads
HCB20-070-RC ALLIED-HCB20-070-RC Datasheet
829Kb / 1P
High Current Beads
logo
Vishay Siliconix
ILHB1206ER500V VISHAY-ILHB1206ER500V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
logo
Allied Components Inter...
HCB03-05 ALLIED-HCB03-05 Datasheet
639Kb / 1P
High Current Beads
HSB10 ALLIED-HSB10 Datasheet
467Kb / 1P
High Current Beads
HCB20-50 ALLIED-HCB20-50 Datasheet
386Kb / 1P
High Current Beads
HCB05 ALLIED-HCB05 Datasheet
837Kb / 1P
High Current Beads
HCB05KF ALLIED-HCB05KF Datasheet
1Mb / 3P
High Current Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com