Electronic Components Datasheet Search
  English  ▼

X  

LRC10 Datasheet(PDF) 1 Page - Allied Components International

Part # LRC10
Description  Low Resistance Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LRC10 Datasheet(HTML) 1 Page - Allied Components International

  LRC10 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LRC10 Low Resistance Chip Inductors
Available in tighter tolerances.
.12
.22
.47
1.0
2.2
4.7
10
22
47
100
250
250
180
100
50
31
20
14
10
7
970
850
700
510
430
340
230
160
100
80
1
1
1
1
1
1
1
1
1
1
Allied
Part
Number
Inductance
(µh)
LRC10-R12M-RC
LRC10-R22M-RC
LRC10-R47M-RC
LRC10-1R0M-RC
LRC10-2R2M-RC
LRC10-4R7M-RC
LRC10-100K-RC
LRC10-220K-RC
LRC10-470K-RC
LRC10-101K-RC
Rated
Current
(mA)
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
(Ω)
Test
Freq.
(MHz)
20
20
20
20
20
20
10
10
10
10
.12
.15
.22
.38
.55
.85
1.8
4.0
10.5
16.0
Features
• Miniature SMT wire-wound open
magnetic path construction inductors
with low DCR, high current capacity
and high impedance characteristics.
• Excellent for use as choke coils
in DC/DC converter and DC power
supply circuits.
Electrical
Inductance Range: .12µh to 100µh.
Tolerance: For 20% use M, 10% use K
and 5% use J as part number suffix.
Test Frequency: Inductance measured
at 1MHz on HP4192A.
Operating Temp. Range: i-25° to +85°C.ll
Physical
Packaging: 2000 pieces per 7 inch reel.
7500 pieces per 13 inch reel.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.126±0.012
(3.20±0.30)
0.063±0.008
(1.60±0.20)
0.090±0.008
(2.29±0.20)
0.071±0.008
(1.80±0.20)
0.126±0.012
(3.20±0.30)
0.059
(1.50)
0.069
(1.75)
0.039
(0.99)
Dimensions:
Inches
(mm)
0.063±0.008
(1.60±0.20)
All specifications subject to change without notice.
Rated Current: Based on Temperature
rise not to exceed 35ºC. Inductance Drop
10% typical.
Resistance to Soldering Heat: Pre heat:
150ºC ± 10ºC / 1-2 min. Solder temp:
260ºC ± 5ºC for 10 sec. ± 1 sec.
• Excellent solder heat resistance for
flow and reflow soldering methods.
Revised 03-25-08


Similar Part No. - LRC10

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRC10-100K-RC ALLIED-LRC10-100K-RC Datasheet
718Kb / 1P
Low Resistance Chip Inductors
LRC10-101K-RC ALLIED-LRC10-101K-RC Datasheet
718Kb / 1P
Low Resistance Chip Inductors
LRC10-1R0M-RC ALLIED-LRC10-1R0M-RC Datasheet
718Kb / 1P
Low Resistance Chip Inductors
LRC10-220K-RC ALLIED-LRC10-220K-RC Datasheet
718Kb / 1P
Low Resistance Chip Inductors
LRC10-2R2M-RC ALLIED-LRC10-2R2M-RC Datasheet
718Kb / 1P
Low Resistance Chip Inductors
More results

Similar Description - LRC10

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRC10-R12M-RC ALLIED-LRC10-R12M-RC Datasheet
718Kb / 1P
Low Resistance Chip Inductors
LRC20-1R0M-RC ALLIED-LRC20-1R0M-RC Datasheet
748Kb / 1P
Low Resistance Chip Inductors
LRC30-1R0M-RC ALLIED-LRC30-1R0M-RC Datasheet
762Kb / 1P
Low Resistance Chip Inductors
LRC40-R12M-RC ALLIED-LRC40-R12M-RC Datasheet
797Kb / 1P
Low Resistance Chip Inductors
LRHQ30-1R0M-RC ALLIED-LRHQ30-1R0M-RC Datasheet
485Kb / 1P
Low Resistance High Q Chip Inductors
LRC30-1R0M-RC ALLIED-LRC30-1R0M-RC_10 Datasheet
769Kb / 1P
Low Resistance Chip Inductors
LRC20 ALLIED-LRC20 Datasheet
779Kb / 1P
Low Resistance Chip Inductors
LRC20L ALLIED-LRC20L Datasheet
705Kb / 1P
Low Resistance Chip Inductors
LRC30 ALLIED-LRC30 Datasheet
769Kb / 1P
Low Resistance Chip Inductors
LRC40 ALLIED-LRC40 Datasheet
829Kb / 1P
Low Resistance Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com