Electronic Components Datasheet Search
  English  ▼

X  

LRC40 Datasheet(PDF) 1 Page - Allied Components International

Part # LRC40
Description  Low Resistance Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LRC40 Datasheet(HTML) 1 Page - Allied Components International

  LRC40 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Resistance Chip Inductors
LRC40
Available in tighter tolerances.
Allied
Part
Number
Inductance
(µh)
Rated
Current
(A)
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
(Ω)
Test
Freq.
(MHz)
Features
• SMT chokes which have low DCR,
high current capacity and high
inductance values.
•
DC converts and DC power supply
Electrical
Inductance Range: .12µh to 10000µh.
Tolerance: For 20% use M, 10% use K
Test Frequency:.12µh to .68µh measured
at 1MHz, 100µh to 680µh measured at
.1MHz, 1000µh to 10,000µh measured at
.01MHz.
Operating Temp. Range: i-25° to +85°C.ll
Physical
Packaging: 1,000 pieces per 13 inch reel.
.12
.27
.47
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
2200
4700
10000
450
300
200
150
110
80
40
30
25
20
17
15
12
10
7.6
6.5
5.0
4.0
3.1
2.4
1.9
1.7
1.2
0.8
0.5
6.0
5.3
4.8
4.0
3.7
3.2
2.9
2.7
2.0
1.7
1.4
1.2
0.9
0.8
0.64
0.56
0.42
0.32
0.27
0.24
0.19
0.15
0.10
0.07
0.05
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
.10
.10
.10
.10
.10
.10
.01
.01
.01
.01
LRC40-R12M-RC
LRC40-R27M-RC
LRC40-R47M-RC
LRC40-1R0M-RC
LRC40-1R5M-RC
LRC40-2R2M-RC
LRC40-3R3M-RC
LRC40-4R7M-RC
LRC40-6R8M-RC
LRC40-100K-RC
LRC40-150K-RC
LRC40-220K-RC
LRC40-330K-RC
LRC40-470K-RC
LRC40-680K-RC
LRC40-101K-RC
LRC40-151K-RC
LRC40-221K-RC
LRC40-331K-RC
LRC40-471K-RC
LRC40-681K-RC
LRC40-102K-RC
LRC40-222K-RC
LRC40-472K-RC
LRC40-103K-RC
20
20
20
20
20
20
20
20
20
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.098
0.014
.0182
0.027
0.031
0.041
0.050
.0574
0.104
0.130
0.210
0.266
0.448
0.560
0.938
1.204
2.660
3.360
6.160
7.560
11.34
14.42
30.10
61.04
140.0
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.224±0.012
(5.69±0.30)
0.224±0.012
(5.69±0.30)
0.197±0.012
(5.00±0.30)
0.197±0.012
(5.00±0.30)
0.197±0.012
(5.00±0.30)
0.185±0.012
(4.70±0.30)
0.079
(2.01)
0.118
(3.00)
0.138
(3.51)
Dimensions:
Inches
(mm)
All specifications subject to change without notice.
•
Excellent for use as choke coils in DC/
circuits.
Excellent solder heat resistance flow and
reflow soldering methods.
• Open magnetic path construction.
• Inductance values up to 1000µh.
Revised 04-01-08


Similar Part No. - LRC40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRC40-100K-RC ALLIED-LRC40-100K-RC Datasheet
797Kb / 1P
Low Resistance Chip Inductors
LRC40-101K-RC ALLIED-LRC40-101K-RC Datasheet
797Kb / 1P
Low Resistance Chip Inductors
LRC40-102K-RC ALLIED-LRC40-102K-RC Datasheet
797Kb / 1P
Low Resistance Chip Inductors
LRC40-103K-RC ALLIED-LRC40-103K-RC Datasheet
797Kb / 1P
Low Resistance Chip Inductors
LRC40-150K-RC ALLIED-LRC40-150K-RC Datasheet
797Kb / 1P
Low Resistance Chip Inductors
More results

Similar Description - LRC40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LRC10-R12M-RC ALLIED-LRC10-R12M-RC Datasheet
718Kb / 1P
Low Resistance Chip Inductors
LRC20-1R0M-RC ALLIED-LRC20-1R0M-RC Datasheet
748Kb / 1P
Low Resistance Chip Inductors
LRC30-1R0M-RC ALLIED-LRC30-1R0M-RC Datasheet
762Kb / 1P
Low Resistance Chip Inductors
LRC40-R12M-RC ALLIED-LRC40-R12M-RC Datasheet
797Kb / 1P
Low Resistance Chip Inductors
LRHQ30-1R0M-RC ALLIED-LRHQ30-1R0M-RC Datasheet
485Kb / 1P
Low Resistance High Q Chip Inductors
LRC30-1R0M-RC ALLIED-LRC30-1R0M-RC_10 Datasheet
769Kb / 1P
Low Resistance Chip Inductors
LRC10 ALLIED-LRC10 Datasheet
748Kb / 1P
Low Resistance Chip Inductors
LRC20 ALLIED-LRC20 Datasheet
779Kb / 1P
Low Resistance Chip Inductors
LRC20L ALLIED-LRC20L Datasheet
705Kb / 1P
Low Resistance Chip Inductors
LRC30 ALLIED-LRC30 Datasheet
769Kb / 1P
Low Resistance Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com