Electronic Components Datasheet Search
  English  ▼

X  

LT20 Datasheet(PDF) 1 Page - Allied Components International

Part # LT20
Description  Ferrite Core Chip Inductors Low Profile
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

LT20 Datasheet(HTML) 1 Page - Allied Components International

  LT20 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LT20 Ferrite Core Chip Inductors Low Profile
Allied
Part
Number
Inductance
(
µh)
IDC
(mA)
SRF
Min.
(MHz)
Tolerance
(%)
DCR
Max.
(
Ω)
L,QTest
Freq.
(MHz)
LT20-1R0K-RC
1.0
10
20
7.96/7.96
350
0.45
1500
LT20-1R2K-RC
1.2
10
20
7.96/7.96
330
0.49
1300
LT20-1R5K-RC
1.5
10
20
7.96/7.96
310
0.68
1200
LT20-1R8K-RC
1.8
10
20
7.96/7.96
290
0.72
1150
LT20-2R2K-RC
2.2
10
20
7.96/7.96
270
1.02
1020
LT20-2R7K-RC
2.7
10
20
7.96/7.96
265
1.15
1000
LT20-3R3K-RC
3.3
10
20
7.96/7.96
195
1.20
970
LT20-3R9K-RC
3.9
10
20
7.96/7.96
170
1.23
910
LT20-4R7K-RC
4.7
10
20
7.96/7.96
155
1.48
880
LT20-5R6K-RC
5.6
10
20
7.96/7.96
125
1.65
820
LT20-6R8K-RC
6.8
10
20
7.96/7.96
110
1.68
750
LT20-8R2K-RC
8.2
10
20
7.96/7.96
100
1.88
700
LT20-100K-RC
10
10
16
2.52/2.52
85
2.90
610
LT20-120K-RC
12
10
16
2.52/2.52
70
3.05
540
LT20-150K-RC
15
10
16
2.52/2.52
65
3.45
500
LT20-180K-RC
18
10
16
2.52/2.52
55
4.79
420
LT20-220K-RC
22
10
16
2.52/2.52
50
5.20
350
Q
Typ.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
All specifications subject to change without notice.
l
Features
• Low Profile only 1.05mm max height
• Exceptional Q values
• Wide inductance range
Electrical
Inductance Range:
Tolerance:
10% over entire range also
Operating Temp: -25ºC ~ +85ºC
IDC: Current at which inductance drops 10%
from its initial value without current.
Physical
Packaging: 2000 pieces per 7 inch reel.
1.0µh ~ 22µh
Resistance to Soldering Heat
Solder Composition:
Solder Temp: 260ºC ± 5ºC for 10 sec ± 1 sec.
Pre-Heat 150ºC, 1 minute.
Sn/Ag3.0/Cu0.5
Test Equipment
(L/Q):
(RDC): Chen Hwa 502BC
(IDC): HP4284A + HP42841A / HP4285A +
Marking: 3 Dot color code system
HP4286A / HP4287A / Agilent E4991A
available in tighter tolerances
(SRF):
HP8753D / Agilent E4991
L/Q: Test OSC @ 200mV
HP42841A
REVISED 12/19/08
Dimensions:
Inches
(mm)


Similar Part No. - LT20

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
LT20-100K-RC ALLIED-LT20-100K-RC Datasheet
440Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20-120K-RC ALLIED-LT20-120K-RC Datasheet
440Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20-150K-RC ALLIED-LT20-150K-RC Datasheet
440Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20-180K-RC ALLIED-LT20-180K-RC Datasheet
440Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20-1R0K-RC ALLIED-LT20-1R0K-RC Datasheet
440Kb / 1P
Ferrite Core Chip Inductors Low Profile
More results

Similar Description - LT20

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
FC10-R005K-RC ALLIED-FC10-R005K-RC Datasheet
381Kb / 1P
Ferrite Core Chip Inductors
LD05-1R0M-RC ALLIED-LD05-1R0M-RC Datasheet
446Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LS03-47NJ-RC ALLIED-LS03-47NJ-RC Datasheet
361Kb / 1P
Ferrite Core Chip Inductors
LS05-78NJ-RC ALLIED-LS05-78NJ-RC Datasheet
387Kb / 1P
Ferrite Core Chip Inductors
LT05-R12K-RC ALLIED-LT05-R12K-RC Datasheet
506Kb / 1P
Ferrite Core Chip Inductors Low Profile
LT20-1R0K-RC ALLIED-LT20-1R0K-RC Datasheet
440Kb / 1P
Ferrite Core Chip Inductors Low Profile
LD05 ALLIED-LD05 Datasheet
447Kb / 1P
Ferrite Core Chip Inductors Low Resistance
LT05 ALLIED-LT05 Datasheet
506Kb / 1P
Ferrite Core Chip Inductors Low Profile
LS05 ALLIED-LS05 Datasheet
388Kb / 1P
Ferrite Core Chip Inductors
LS10 ALLIED-LS10 Datasheet
318Kb / 1P
Ferrite Core Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com