Electronic Components Datasheet Search
  English  ▼

X  

2SC4624 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # 2SC4624
Description  NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

2SC4624 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  2SC4624 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor 2SC4624 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor 2SC4624 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC4624

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4620 ROHM-2SC4620 Datasheet
83Kb / 4P
Power Transistor (400V, 0.1A)
2SC4620 ROHM-2SC4620 Datasheet
49Kb / 1P
High-Coltage Switching Transistor
logo
List of Unclassifed Man...
2SC4622 ETC-2SC4622 Datasheet
105Kb / 1P
MOLD TYPE BIPOLAR TRANSISTORS
logo
Inchange Semiconductor ...
2SC4622 ISC-2SC4622 Datasheet
250Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC4622 NJSEMI-2SC4622 Datasheet
134Kb / 1P
TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE, HIGH SPEED SWITCHING
More results

Similar Description - 2SC4624

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC2166 MITSUBISHI-2SC2166 Datasheet
130Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2538 MITSUBISHI-2SC2538 Datasheet
203Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2539 MITSUBISHI-2SC2539 Datasheet
136Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2540 MITSUBISHI-2SC2540 Datasheet
136Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC2629 MITSUBISHI-2SC2629 Datasheet
135Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
2SC3019 MITSUBISHI-2SC3019 Datasheet
203Kb / 4P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3020 MITSUBISHI-2SC3020 Datasheet
128Kb / 3P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3101 MITSUBISHI-2SC3101 Datasheet
92Kb / 2P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3105 MITSUBISHI-2SC3105 Datasheet
99Kb / 2P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
2SC3379 MITSUBISHI-2SC3379 Datasheet
150Kb / 3P
NPN EPITAXIAL PLANAR TYPE (RF POWER TRANSISTOR)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com