Electronic Components Datasheet Search
  English  ▼

X  

PC03011 Datasheet(PDF) 1 Page - Allied Components International

Part # PC03011
Description  Power Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PC03011 Datasheet(HTML) 1 Page - Allied Components International

  PC03011 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Inductors
PC03011
15
All specifications subject to change without notice.
DCR
Max.
(
Ω)
IDC
(A)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PC03011-1R0M-RC
PC03011-1R5M-RC
PC03011-2R2M-RC
PC03011-3R3M-RC
PC03011-3R9M-RC
PC03011-4R7M-RC
PC03011-5R6M-RC
PC03011-6R8M-RC
PC03011-8R2M-RC
PC03011-100M-RC
PC03011-120M-RC
PC03011-150M-RC
PC03011-180M-RC
PC03011-220M-RC
PC03011-270M-RC
PC03011-330M-RC
PC03011-390M-RC
1.0
1.5
2.2
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.08
0.13
0.18
0.27
0.32
0.33
0.48
0.56
0.62
0.90
1.00
1.10
1.24
1.40
2.18
2.54
2.80
1.80
1.44
1.26
1.08
1.00
0.90
0.76
0.68
0.63
0.56
0.52
0.50
0.46
0.36
0.30
0.28
0.26
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PC03011-470M-RC
PC03011-500M-RC
PC03011-560M-RC
PC03011-680M-RC
PC03011-750M-RC
PC03011-820M-RC
47
50
56
68
75
82
20
20
20
20
20
20
100
100
100
100
100
100
3.10
3.20
3.50
5.80
6.10
6.60
0.25
0.24
0.23
0.20
0.18
0.17
Dimensions:
Inches
(mm)
Features
• Unshielded SMD low cost design
• Accurate and consistent dimensions for
• Excellent for use in DC-DC converter
• Also available in magnetically shielded
• Designed for higher cuurent applications
Electrical
Inductance Range: 1.0µh to 82µh
Tolerance:
20% over entire range
Test Frequency: (L/Q) as specified
Operating Temp: -40ºC ~ +85ºC
IDC: Current at which Inductance drops 10%
of original value with a
Resistance to Soldering Heat
Test Method: Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(L & Q): HP 4192A / HP4285A
(DCR): Chen Hwa 502BC
(IDC): HP4284A with HP42841A or
CH1061 with CH301A
Physical
Packaging: 3000 pieces per 13 inch reel.
Marking: 2 Character Alpha Code
∆ T= 40ºC whichever
is lower.
auto insertion
application
Also available in tighter tolerances
REVISED 1/14/09
KHz, 1V


Similar Part No. - PC03011

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC03011-100M-RC ALLIED-PC03011-100M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC03011-120M-RC ALLIED-PC03011-120M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC03011-150M-RC ALLIED-PC03011-150M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC03011-180M-RC ALLIED-PC03011-180M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
More results

Similar Description - PC03011

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
Power Chip Inductors
logo
Allied Components Inter...
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com