Electronic Components Datasheet Search
  English  ▼

X  

PC0504-331M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PC0504-331M-RC
Description  Power Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PC0504-331M-RC Datasheet(HTML) 1 Page - Allied Components International

  PC0504-331M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC0504 Power Chip Inductors
2.2
0.023
7.96
Allied
Part
Number
Inductance
(
µh)
PC0504-2R2M-RC
RDC
Ω Max.
Tolerance
(%)
IDC
(
A )
Test Freq.
(MHz)1V
20
3.20
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
All specifications subject to change without notice.
REVISED 07/22/2014
3.3
.0314
7.96
PC0504-3R3M-RC
20
2.59
4.7
.0372
7.96
PC0504-4R7M-RC
20
2.30
8.2
.0594
7.96
PC0504-8R2M-RC
20
1.70
0.100
2.52
PC0504-100M-RC
1.44
12
0.120
2.52
PC0504-120M-RC
20
1.40
15
0.140
2.52
PC0504-150M-RC
10, 20
1.30
18
0.150
2.52
PC0504-180M-RC
20
1.23
10
10, 20
22
0.180
2.52
PC0504-220M-RC
20
1.11
27
0.200
2.52
PC0504-270M-RC
20
0.97
33
0.230
2.52
PC0504-330M-RC
10, 20
0.88
39
0.320
2.52
PC0504-390M-RC
10, 20
0.80
0.370
2.52
PC0504-470M-RC
0.72
56
0.420
2.52
PC0504-560M-RC
10, 20
0.68
68
0.460
2.52
PC0504-680M-RC
10, 20
0.61
82
0.600
2.52
PC0504-820M-RC
10, 20
0.58
47
10, 20
100
0.700
1
PC0504-101M-RC
10, 20
0.52
120
0.930
1
PC0504-121M-RC
10, 20
0.48
150
1.100
1
PC0504-151M-RC
10, 20
0.40
180
1.380
1
PC0504-181M-RC
10, 20
0.38
1.570
1
PC0504-221M-RC
0.35
270
1.850
1
PC0504-271M-RC
10, 20
0.29
330
2.000
1
PC0504-331M-RC
10, 20
0.28
390
2.600
1
PC0504-391M-RC
10, 20
0.26
220
10, 20
470
3.000
1
PC0504-471M-RC
10, 20
560
4.190
1
PC0504-561M-RC
10, 20
0.10
680
4.440
1
PC0504-681M-RC
10, 20
0.08
820
5.120
1
PC0504-821M-RC
10, 20
0.05
10.00
1
PC0504-102M-RC
0.03
1000
10, 20
0.12
Dimensions:
Inches
(mm)
Features
• Unshielded SMD low cost design
• Accurate and consistent dimensions for
• Excellent for use in DC-DC converter
• High saturation for surface mounting
• Designed for high current applications
Electrical
Inductance Range: 2.2µh to 1000µh
Tolerance:
20% over entire range, certain
Test Frequency: (L) as specified
Operating Temp: -55ºC ~ +125ºC
IDC: Current at which Inductance drops 10%
of original value with a
Resistance to Soldering Heat
Test Method: Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(L): HP4192A Impedence Analyzer
(DCR): Chen Hwa 502BC
(IDC): HP4284A with HP42841A or
CH1061 with CH301A
Physical
Packaging: 1500 pieces per 13 inch reel.
Marking:
EIA Inductance Code.
∆ T= 40ºC whichever
is lower.
auto insertion
application
Also available in tighter tolerances
Dimensions in mm
Recommended Solder Profile
0.051
0.051
0.268/6.8
0.051/1.3
*For 10% please change the “M” to “K” in the part number
*
values available in 10% where shown.


Similar Part No. - PC0504-331M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC0504-331M-RC ALLIED-PC0504-331M-RC Datasheet
364Kb / 1P
Power Chip Inductors
More results

Similar Description - PC0504-331M-RC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
Power Chip Inductors
logo
Allied Components Inter...
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com