Electronic Components Datasheet Search
  English  ▼

X  

PCCV22 Datasheet(PDF) 1 Page - Allied Components International

Part # PCCV22
Description  SMD SEMI SHIELDED POWER CHIP INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCCV22 Datasheet(HTML) 1 Page - Allied Components International

  PCCV22 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD SEMI SHIELDED POWER CHIP INDUCTOR
15
RDC
(Ω)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
04/05/13
MHz, 200mV
All specifications subject to change without notice.
Irms
PCCV22-R50M-RC
0.5
20
1
51
1.840
Features
• Semi Magnetically Shielded
Electrical
Test Equipment
Physical
Packaging: 2K per Tape and reel
• High Current
Inductance Range: .5µh ~ 22µh (other
Tolerance: Available in 20%
Operating Temp: -40ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4287A + HP16197A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: As noted
PCCV22
Isat
2.080
Irms: Based on a temp rise of
T = 40ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCCV22-1R5M-RC
1.5
20
1
83
1.440
1.520
PCCV22-2R2M-RC
2.2
20
1
159
1.072
1.088
PCCV22-3R3M-RC
3.3
20
1
220
0.848
0.880
PCCV22-4R7M-RC
4.7
20
1
330
0.720
0.736
PCCV22-100M-RC
10
20
1
580
0.464
0.496
PCCV22-150M-RC
15
20
1
900
0.360
0.384
∆
typical above Ambient Temp.
±30%
Marking
B
C
E
F
G
I
J
• Low Magnetic Radiation
(Max)
(Max)
• Ultra Low Profile only 1.2mm
Recommended Pattern
(A)
(A)
PCCV22-220M-RC
22
20
1
1400
0.320
0.320
K
Magnetic Resin
Inductance vs. DC Current
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
DC Current(A)
1R0
4R7
100
220
R50
3R3
2R2
150
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
DC Current(A)
4R7
100
220
3R3
R50
2R2
150
1R0
Dimensions:
Inches
(mm)
.063±0.1
(1.6±0.25)
.024
(0.6)
.05±.002
(1.2±0.05)
.032
(0.8)
.032
(0.8)
.071
(1.8)
.032
(0.8)


Similar Part No. - PCCV22

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCCV20 ALLIED-PCCV20 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV20-100M-RC ALLIED-PCCV20-100M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV20-1R0M-RC ALLIED-PCCV20-1R0M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV20-1R5M-RC ALLIED-PCCV20-1R5M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCCV20-220M-RC ALLIED-PCCV20-220M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCCV22

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV25 ALLIED-PCFV25 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV32 ALLIED-PCFV32 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV35 ALLIED-PCFV35 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV42 ALLIED-PCFV42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV45 ALLIED-PCFV45 Datasheet
430Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV80 ALLIED-PCFV80 Datasheet
529Kb / 1P
SMD Semi Shielded Power Chip Inductor
PCSVLR80 ALLIED-PCSVLR80 Datasheet
410Kb / 1P
SMD SEMI-SHIELDED POWER CHIP INDUCTOR
PCHP42 ALLIED-PCHP42 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCHP54 ALLIED-PCHP54 Datasheet
575Kb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com