Electronic Components Datasheet Search
  English  ▼

X  

NDL5522P Datasheet(PDF) 2 Page - NEC

Part # NDL5522P
Description  1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs PIN PHOTO DIODE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5522P Datasheet(HTML) 2 Page - NEC

  NDL5522P Datasheet HTML 1Page - NEC NDL5522P Datasheet HTML 2Page - NEC NDL5522P Datasheet HTML 3Page - NEC NDL5522P Datasheet HTML 4Page - NEC NDL5522P Datasheet HTML 5Page - NEC NDL5522P Datasheet HTML 6Page - NEC NDL5522P Datasheet HTML 7Page - NEC NDL5522P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NDL5421P Series
ORDERING INFORMATION
Part Number
Available Connector
Description
NDL5421P
Without Connector
GI-50/125
No Flange
NDL5421PC
With FC-PC Connector
NDL5421PD
With SC-PC Connector
NDL5421PS
Without Connector
SM-9/125
NDL5421PSC
With FC-PC Connector
NDL5421PSD
With SC-PC Connector
NDL5421P1
Without Connector
GI-50/125
Flat Mount Flange
NDL5421P1C
With FC-PC Connector
NDL5421P1D
With SC-PC Connector
NDL5421P1S
Without Connector
SM-9/125
NDL5421P1SC
With FC-PC Connector
NDL5421P1SD
With SC-PC Connector
NDL5421P2
Without Connector
GI-50/125
Vertical Flange
NDL5421P2C
With FC-PC Connector
NDL5421P2D
With SC-PC Connector
NDL5421P2S
Without Connector
SM-9/125
NDL5421P2SC
With FC-PC Connector
NDL5421P2SD
With SC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Reverse Voltage
VR
20
V
Forward Current
IF
10
mA
Optical Input Power
Pin
8mW
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Dark Current
ID
VR = 5 V
0.1
1.0
nA
Terminal Capacitance
Ct
VR = 5 V, f = 1.0 MHz
0.7
0.9
pF
Quantum Efficiency
η
λ = 1 300 nm
75
86
%
λ = 1 550 nm
64
75
Responsivity
S
λ = 1 300 nm
0.78
0.89
A/W
λ = 1 550 nm
0.80
0.94
Cut-off Frequency
fC
VR = 5 V, RL = 50
Ω, λ = 1 300 nm
2.5
GHz
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com