Electronic Components Datasheet Search
  English  ▼

X  

PCI20 Datasheet(PDF) 1 Page - Allied Components International

Part # PCI20
Description  Power Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCI20 Datasheet(HTML) 1 Page - Allied Components International

  PCI20 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI20 Power Chip Inductors
Features
• Ultraminiature foot print for high density
mounting
• High current rating for their small size
• High energy storage with low DCR
• Designed with high heat resistant
materials for reflow operation
• Flat top for pick and place assembly
Electrical
Inductance Range: 1.0µh to 1000µh.
Tolerance: ± 20% over the entire
inductance range.
Test Frequency: Inductance measured
at 100KHz, 0.1 Vrms. After soldering, push
Operating Temp. Range: i-40° to +85°C.ll
Inductance Drop: 20% typical at Isat.
Temperature Rise: T=30ºC rise
Physical
Marking: Color Code using standard EIA
three dot system.
Packaging: 750 pieces per 7 inch reel.
2500 pieces per 13 inch reel.
PCI20-1R0M-RC
PCI20-1R5M-RC
PCI20-2R2M-RC
PCI20-3R3M-RC
PCI20-4R7M-RC
PCI20-6R8M-RC
PCI20-100M-RC
PCI20-150M-RC
PCI20-220M-RC
PCI20-330M-RC
PCI20-470M-RC
PCI20-680M-RC
PCI20-101M-RC
PCI20-151M-RC
PCI20-221M-RC
PCI20-331M-RC
PCI20-471M-RC
PCI20-681M-RC
PCI20-102M-RC
Allied
Part
Number
Inductance
(µh)
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
Isat
(A)
0.05
0.05
0.07
0.08
0.09
0.13
0.16
0.23
0.37
0.51
0.64
0.86
1.27
2.00
3.11
3.80
5.66
9.20
13.8
DCR
Max.
(Ω)
2.90
2.60
2.30
2.00
1.50
1.20
1.10
0.90
0.70
0.58
0.50
0.40
0.31
0.27
0.22
0.18
0.16
0.14
0.10
Tolerance
(%)
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
All specifications subject to change without notice.
Irms
(A)
2.90
2.80
2.40
2.00
1.50
1.40
1.10
1.20
0.80
0.60
0.50
0.40
0.30
0.25
0.20
0.16
0.15
0.12
0.07
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.110
(2.79)
3rd
1st
2nd
0.260
(6.60)
Max
0.175
(4.45)
Max
0.115
(2.92)
Max
0.040
(1.02)
0.160
(4.06)
0.055
(1.40)
0.170
(4.32)
0.140
(3.56)
0.05
(1.27)
Dimensions:
Inches
(mm)
130
115
90
70
50
45
35
30
20
15
14
11
9.0
6.0
5.5
5.0
4.0
3.0
2.0
SRF
MHz.
TYP.
PCI20-5R6M-RC
5.6
0.11
1.30
20
1.40
47
∆
typical at Irms.
• Non standard values available
Revised 03-25-08


Similar Part No. - PCI20

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCI20-100M-RC ALLIED-PCI20-100M-RC Datasheet
805Kb / 1P
Power Chip Inductors
PCI20-101M-RC ALLIED-PCI20-101M-RC Datasheet
805Kb / 1P
Power Chip Inductors
PCI20-102M-RC ALLIED-PCI20-102M-RC Datasheet
805Kb / 1P
Power Chip Inductors
PCI20-150M-RC ALLIED-PCI20-150M-RC Datasheet
805Kb / 1P
Power Chip Inductors
PCI20-151M-RC ALLIED-PCI20-151M-RC Datasheet
805Kb / 1P
Power Chip Inductors
More results

Similar Description - PCI20

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
Power Chip Inductors
logo
Allied Components Inter...
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC03015-2R2M-RC ALLIED-PC03015-2R2M-RC Datasheet
340Kb / 1P
Power Chip Inductors
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com