Electronic Components Datasheet Search
  English  ▼

X  

P2005 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P2005
Description  SMT Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P2005 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P2005 Datasheet HTML 1Page - Pulse A Technitrol Company P2005 Datasheet HTML 2Page - Pulse A Technitrol Company P2005 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P522.E (03/13)
1
pulseelectronics.com
SMT Power Inductors
Power Beads - Volta 1 & 2 series
Height: 3.2mm and 4.5mm Max
Footprint: 7.0 x 6.4mm Max and 8.9 x 6.4mm Max
Current Rating: up to 16A
Inductance Range: 0.1µH to 0.6µH
Frequency Range: up to 2MHz
Volta 1
Mechanical
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C
Part
Number
Inductance
@ Irated
(nH ± 20%)
Irated
(ADC)
DCR
(m
Ω)
Inductance
@ 0ADC
(nH ± 20%)
Saturation Current
(ADC)
Heating
Current
(A)
Trise
Factor
K0
Core Loss Factor
25°C
100°C
K1
K2
TYP
MAX
Volta 1
P1681NLT
95
15
0.31
0.39
100
18
16.2
15
1.0032
.00319
.07381
Volta 2
PA0229NL
92
16
0.68
0.80
100
36
30
16
2.2458
.00638
.03975
P2005 **
142.5
15
0.45
0.56
150
18
16.2
15
2.2458
.00638
.05961
P2004
190
15
0.45
0.56
200
16.8
15.1
15
2.2458
.00638
.07949
PA0277 **
600*
10.7
2.3
95
700
12.6
8.0
10.7
2.0400
.01276
.13196
* DCR and Inductance rating for indicated parts is for both windings tied in series.
** Contact Pulse for availability
5, 6
2
3
4
4
P1681NLT
Weight ...........................0.464 grams
Tape & Reel ........................1500/reel
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25


Similar Part No. - P2005

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2005A ALSC-P2005A Datasheet
459Kb / 10P
Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
logo
PulseCore Semiconductor
P2005AF-08SR PULSECORE-P2005AF-08SR Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
P2005AF-08ST PULSECORE-P2005AF-08ST Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
More results

Similar Description - P2005

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com