Electronic Components Datasheet Search
  English  ▼

X  

P2004 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # P2004
Description  SMT Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P2004 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  P2004 Datasheet HTML 1Page - Pulse A Technitrol Company P2004 Datasheet HTML 2Page - Pulse A Technitrol Company P2004 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
pulseelectronics.com
SMT Power Inductors
Power Beads - Volta 1 & 2 series
P522.E (03/13)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2013. Pulse Electronics, Inc. All rights reserved.
Notes:
1. The rated current as listed is either the saturation current or the heating current
depending on which value is lower.
2. The saturation current is the current which causes the inductance to drop by 10%
at the stated ambient temperatures (-40°C, 25°C, 125°C). This current is determined by
placing the component in the specified ambient environment and applying a short
duration pulse current (to eliminate self-heating effects) to the component.
3. The heating current is the DC current which causes the temperature of the part to
increase by approximately 30°C. This current is determined by mounting the component
on a PCB with .25” wide, 3 oz. equivalent copper traces, and applying the current to the
device for 30 minutes.
4. In high volt*time applications, additional heating in the component can occur due to core
losses in the inductor which may neccessitate derating the current in order to limit the
temperature rise of the component. In order to determine the approximate total losses
(or temperature rise) for a given application both copper losses and core losses should be
taken into account.
5. Optional Tape & Reel packaging can be ordered by adding a “
T” suffix to the part number,
(i.e. PA0277
T).
6. To order RoHS compliant part, add the suffix “
NL” to the part number (i.e. PA0277 becomes
PA0277
NL and PA0277T becomes PA0277NLT).
Estimated Temperature Rise:
Trise =
(°C)
Coreloss = K1 * (Fsw (kHz))
* (K2 * dl)
(mW)
Copper Loss = Irms * DCR (m
Ω) (mW)
Irms = IDC +
(Arms)
Fsw(kHz) = switching frequency (kHz)
dI = delta I across the component (A)
The temperature of the component (ambient temperature + temperature rise) should
be within the listed operating temperature range.
Coreloss (mW) + Copper Loss (mW)
K0
.833
1.6688
2.17
2
2
2
1
dl
12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com