Electronic Components Datasheet Search
  English  ▼

X  

-RC Datasheet(PDF) 1 Page - Allied Components International

Part # -RC
Description  Power Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

-RC Datasheet(HTML) 1 Page - Allied Components International

  -RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI40
Power Chip Inductors
Features
• Compact and Low Profile
• High energy storage and low DCR
• Designed with high heat resistant
materials for reflow operation
• Wrap around terminals for
excellent solder quality and inspection
• Flat top for pick and place assembly
Electrical
Inductance Range:
1.0µh to 2200µh.
Tolerance:
± 20% over the entire
inductance range.
Test Frequency:
Inductance measured
at 100KHz, 0.1 Vrms. After soldering, push
Operating Temp. Range:
i-40° to +85°C.ll
Inductance Drop:
20% typical at
rated Isat.0 to 2000) x 10 -6°C.
Physical
Packaging:
1,000 pieces per 13 inch reel.
Allied
Part
Number
Inductance
(
µh)
PCI40-1R0M-RC
PCI40-1R5M-RC
PCI40-2R2M-RC
PCI40-3R3M-RC
PCI40-4R7M-RC
PCI40-6R8M-RC
PCI40-100M-RC
PCI40-150M-RC
PCI40-220M-RC
PCI40-330M-RC
PCI40-470M-RC
PCI40-680M-RC
PCI40-101M-RC
PCI40-151M-RC
PCI40-221M
PCI40-331M-RC
PCI40-471M-RC
PCI40-681M-RC
PCI40-102M-RC
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
100
90
80
65
45
38
30
27
19
15
12
10
9.0
6.0
5.0
4.5
3.5
2.5
2.0
I
rms
(A
)
SRF
(MHz)
TYP
6.8
6.4
6.1
5.4
4.8
4.4
3.9
3.1
2.7
2.1
1.8
1.5
1.3
1.0
0.8
0.6
0.5
0.4
0.3
T
olerance
(%)
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
All specifications subject to change without notice.
I
sat
(A
)
9.0
8.0
7.0
6.4
5.4
4.6
3.8
3.0
2.6
2.0
1.6
1.4
1.2
1.0
0.8
0.6
0.5
0.4
0.3
-RC
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
0.510
(12.95)
Max
0.300
(7.62)
0.205
(5.21)
Max
0.110
(2.79)
0.118
(3.00)
0.290
(7.37)
0.370
(9.40)
Max
0.100
(2.54)
0.100
(2.54)
Dimensions:
Inches
(mm)
Temperature Rise:
T=15ºC rise
typical at Irms.
.009
.010
.012
.015
.018
.027
.038
.046
.085
0.10
0.14
0.20
0.28
0.40
0.61
1.02
1.27
2.02
3.00
DCR
Max.
Ω)
• Non standard values available
REVISED 05/20/2014
Marking:
Previously marked with 3 dot color
code system
PCI40-120M-RC
12
27
3.6
20
3.5
.0432
PCI40-152M-RC
1500
1.4
0.2
20
0.25
4.50
PCI40-222M-RC
2200
0.8
0.2
20
0.20
7.00


Similar Description - -RC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
Power Chip Inductors
logo
Allied Components Inter...
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC03015-2R2M-RC ALLIED-PC03015-2R2M-RC Datasheet
340Kb / 1P
Power Chip Inductors
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com