| Electronic Components Datasheet Search |
|
ZMM5259B Datasheet(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZMM5259B Datasheet(HTML) 1 Page - Diodes Incorporated |
|
1 / 5 page ![]() DS30024 Rev. 5 - 3 1 of 5 ZMM5221B-ZMM5267B www.diodes.com ã Diodes Incorporated ZMM5221B - ZMM5267B 500mW SURFACE MOUNT ZENER DIODE Features Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified Characteristic Symbol Value Unit Power Dissipation (Note 1) Pd 500 mW Thermal Resistance, Junction to Ambient Air (Note 1) RqJA 300 °C /W Forward Voltage @ IF = 200mA VF 1.5 V Operating and Storage Temperature Range Tj, TSTG -65 to +175 oC · Case: MiniMELF · Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 · Moisture Sensitivity: Level 1 per J-STD-020C · Terminals: Finish - Sn97.5Ag2.5. Solderable per MIL-STD-202, Method 208 · Polarity: Cathode Band · Ordering Information: See Last Page · Marking: Cathode Band Only · Weight: 0.034 grams (approximate) · 500mW Power Dissipation · Outline Similar to JEDEC DO-213AA · Hemetic Glass Package · Lead Free Finish, RoHS Compliant (Note 3) Mechanical Data A C B MiniMELF Dim Min Max A 3.30 3.70 B 1.30 1.60 C 0.28 0.50 All Dimensions in mm Notes: 1. Valid provided that electrodes are kept at ambient temperature. 2. Tested with pulses, Tp £ 100ms. 3. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied where applicable, see EU Directive Annex Notes 5 and 7. NOT RECOMMENDED FOR NEW DESIGN SUGGESTED REPLACEMENT MMSZ52xx |
Similar Part No. - ZMM5259B |
|
Similar Description - ZMM5259B |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |