Electronic Components Datasheet Search
  English  ▼

X  

P010204 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010204
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010204 Datasheet(HTML) 1 Page - E-SWITCH

  P010204 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1105SPF160R
4:1
9/7/2006
P010204
E
BO
1
1
6.00
[.236 in]SQ.
n3.40
[.134 in]
4.50 `.20
.177 `.008 in
[]
1.80
[.071 in]
1.10
[.043 in]
7.50
[.295 in]
3.60
[.142 in]
.40
[.016 in]MAX.
6.50 -.20
.50
+
.256 -.008
.020
+
in
[]
7.90
[.311 in]
1.80
[.071 in]
.30
[.012 in]
.70
[.028 in]
.70
[.028 in]
2.80
[.110 in]SQ.
1.00
n
`.05
.039 `.002 in
[]
6.50 `.10
.256 `.004 in
[]
4.50 `.10
.177 `.004 in
[]
2
4
3
CIRCUIT: SPST
1
C
15719
REVISE & REDRAWN (UPDATE NOTES)
1/31/06
PH
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. TERMINAL NUMBERS FOR REF. ONLY
3. TOLERANCE: X.X=
`0.4
X.XX=
`0.25
4. RATING: 50mA @ 12VDC
5. TRAVEL: 0.25 +0.2/-0.1
6. OPERATING FORCE: 160
`50gF
7. ELECTRICAL LIFE: 100,000 CYCLES MIN.
8. CONTACT RESISTANCE: 100mW MAX.
9. CONTACT MATERIAL: GOLD
10.
DENOTES CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
1
3
4
2
USE GOLD DOME
P990005
D
16090
ADD GOLD DOME NOTE
6/5/06
CT
E
16433
CLEANED UP DWG.
9/7/06
BO
3.50
[.138 in]
P.C. MOUNTING


Similar Part No. - P010204

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010200 E-SWITCH-P010200 Datasheet
43Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010201 E-SWITCH-P010201 Datasheet
25Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010205 E-SWITCH-P010205 Datasheet
64Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010209 E-SWITCH-P010209 Datasheet
63Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010204

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com