Electronic Components Datasheet Search
  English  ▼

X  

TWM200 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TWM200
Description  200W Medical Grade AC/DC Power Supplies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM200 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TWM200 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TWM200 Series
200W Medical Grade AC/DC Power Supplies
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
+
-
176.0
95.0
50.0
23.0
20.0
20.0
47.0
6X M3 PEM Nuts on the bottom and side of
U-bracket for mounting
6.0
164.0
176.0
6.0
95.0
80.0
7.5
7.5
6.0
7.5
Top View
Bottom View
Notes:
1. Dimensions in mm
2. Tolerance: ±0.5mm
#TWM200_2013-03-23
ELECTRICAL SPECIFICATIONS
Input Voltage ........................ 90-264 VAC
Input Frequency ................... 47-63 Hz
Input Current ........................ 3A (rms) max. @ 115 VAC,
1.5A (rms) max. @ 230 VAC
Inrush Current ..................... 35A max. @ 115 VAC, 70A max.
@ 230 VAC at cold start +25°C
Earth Leakage Current ........ 228 µA max. @ 264 VAC, 63 Hz
Power Factor ....................... >0.95 @115 VAC, >0.9 @230 VAC
Output Power Ratings ......... See table
Output Voltage Regulation .. ±5%
Ripple & Noise .................... See table
STANDARDS & COMPLIANCES
EMC Standards ................... EN 60601-1-2, EN55011,
............................................. FCC Part 18 Class B
Safety Standards ................. IEC/EN/UL 60601-1 3rd Edition,
............................................. ANSI/AAMI ES 60601-1: 2005,
............................................. CAN/CSA C22.2 No. 60601-1:08
Agency Approvals ................ CSA, CUS, TUV, CE, CB, FCC
Other Compliances ............. RoHS, CEC
GENERAL SPECIFICATIONS
Efficiency .................................. >87% at full load, 115 VAC
Switching Frequency ............... 53-58 KHz
Hold-up Time ........................... >16 ms at full load, 115 VAC
Operating Temperature ........... 0°C to +60°C
Derating ................................... Derate linearly 2.5%/°C from
+41°C to +60°C
Temperature Coefficient .......... ±0.04%/°C
Operating Humidity .................. 10% to 95% non-condensing
Short-Circuit Protection ........... Auto-recovery
Overload Protection ................. Set at 110% to 160% of the
maximum rating, Auto-recovery
Overvoltage Protection ............ Shutdown and latch off, AC
............................................. recycle
Withstand Voltage .................... 4,000 VAC from input to output,
1,500 VAC from input to ground,
500 VAC from output to ground
MTBF ........................................ >140K hours at full load and
25°C ambient temperature
calculated per MIL-HDBK-217F
FEATURES
• 90-264 VAC Universal Input
• 0.9 to 0.95 Power Factor
• 200W Output @ Convection Cooling
• No Load Power Consumption < 500mW
• Meet Efficiency Level V Requirement
• Approved to IEC/EN/UL 60601-1 3rd Edition
Notes:
1. R&N are measured at 20 MHz bandwidth with a 10µF electrolytic capacitor and
a 0.1µF ceramic capacitor in parallel.
MODELS LIST
.
o
N
t
c
u
d
o
r
P
t
u
p
t
u
O
e
g
a
t
l
o
V
d
a
o
L
.
x
a
M
n
o
i
t
c
e
v
n
o
C
@
t
u
p
t
u
O
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
)
p
-
p
V
(
)
1
(
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
2
1
-
0
0
2
M
W
T
V
2
1A
6
6
.
6
1%
5
±V
m
0
4
2W
0
0
2
6
1
-
0
0
2
M
W
T
V
6
1A
0
5
.
2
1%
5
±V
m
0
0
3W
0
0
2
9
1
-
0
0
2
M
W
T
V
9
1A
3
5
.
0
1%
5
±V
m
0
0
3W
0
0
2
0
2
-
0
0
2
M
W
T
V
0
2A
0
1%
5
±V
m
0
0
3W
0
0
2
4
2
-
0
0
2
M
W
T
V
4
2A
3
3
.
8%
5
±V
m
0
0
3W
0
0
2
6
3
-
0
0
2
M
W
T
V
6
3A
5
5
5
.
5%
5
±V
m
0
0
3W
0
0
2
8
4
-
0
0
2
M
W
T
V
8
4A
6
6
1
.
4%
5
±V
m
0
0
3W
0
0
2
MECHANICAL SPECIFICATIONS


Similar Part No. - TWM200

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TWM250 TRUMPOWER-TWM250 Datasheet
108Kb / 2P
250W Medical Grade AC/DC Power Supplies
TWM250-12 TRUMPOWER-TWM250-12 Datasheet
108Kb / 2P
250W Medical Grade AC/DC Power Supplies
TWM250-19 TRUMPOWER-TWM250-19 Datasheet
108Kb / 2P
250W Medical Grade AC/DC Power Supplies
TWM250-24 TRUMPOWER-TWM250-24 Datasheet
108Kb / 2P
250W Medical Grade AC/DC Power Supplies
TWM250-28 TRUMPOWER-TWM250-28 Datasheet
108Kb / 2P
250W Medical Grade AC/DC Power Supplies
More results

Similar Description - TWM200

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
200W Compact AC/DC Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TWM180 TRUMPOWER-TWM180 Datasheet
75Kb / 2P
180W Medical Grade AC/DC Power Supplies
logo
Wall Industries,Inc.
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
Medical AC/DC Power Supplies
logo
Tumbler Technologies + ...
TWM250 TRUMPOWER-TWM250 Datasheet
108Kb / 2P
250W Medical Grade AC/DC Power Supplies
TWM360 TRUMPOWER-TWM360 Datasheet
1Mb / 4P
360W Medical Grade AC/DC Power Supplies
TWM500 TRUMPOWER-TWM500 Datasheet
415Kb / 4P
500W Medical Grade AC/DC Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
280W Medical and ITE Grade AC/DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com