Electronic Components Datasheet Search
  English  ▼

X  

TWM250 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TWM250
Description  250W Medical Grade AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM250 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TWM250 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM250 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TWM250 Series
250W Medical Grade AC/DC Power Supplies
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
ELECTRICAL SPECIFICATIONS
Input Voltage ........................ 90~264 VAC
Input Frequency ................... 47~63 Hz
Input Current ........................ 4A (rms) max. @ 115 VAC,
2A (rms) max. @ 230 VAC
Inrush Current ..................... 50A max. @ 115 VAC, 100A max.
@ 230 VAC at cold start +25°C
Earth Leakage Current ........ 300 µA max. @ 264 VAC, 63 Hz
Power Factor ....................... >0.95 @115 VAC, >0.9 @230 VAC
Output Power Ratings ......... See table
Output Voltage Regulation .. See table
Ripple and Noise ................ See table
STANDARDS & COMPLIANCES
EMC Standards ................... EN 60601-1-2, EN 55011 Class B,
FCC Part 18 Class B
Safety Standards ................. IEC/EN/UL 60601-1 3rd Edition,
............................................. ANSI/AAMI ES 60601-1: 2005,
............................................. CAN/CSA C22.2 No. 60601-1:08
Agency Approvals ................ CSA, CUS, TUV, CE, CB, FCC
Other Compliance ............... RoHS
FEATURES
• 90~264 VAC Universal Input
• 0.9 to 0.95 Power Factor
• 200W @ Convection or 250W @ 17.1 CFM
•
3" X 5" Footprint
•
IEC/EN/UL 60601-1 3rd Edition Approvals
GENERAL SPECIFICATIONS
Efficiency .................................. >85% at full load, 115 VAC
Switching Frequency ............... 53-58 KHz
Hold-up Time ........................... >10 ms @ 115 VAC, 250W load
Operating Temperature ........... 0°C to +70°C
Storage Temperature ............... -40°C to +85°C
Derating ................................... Derate linearly 2.5%/°C
............................................. from +41°C to +70°C
Operating Humidity .................. 5% to 95% non-condensing
Short-Circuit Protection ........... Auto-recovery
Overload Protection ................. Set at 105% to 160% of the
maximum rating, Auto-recovery
Overvoltage Protection ............ Auto-recovery
Withstand Voltage .................... 4,000 VAC from input to output,
............................................. 1,500 VAC from input to ground,
............................................. 500 VAC from output to ground
MTBF ........................................ >120K hours at full load and
25°C ambient temperature
calculated per MIL-HDBK-217F
Notes:
1. Standard form factor is PCB. For U-bracket models, add suffix "B" to the P/N, e.g. TWM250-24B, TWM250-48B, etc.
2. R&N are measured at 20 MHz bandwidth with a 47µF electrolytic capacitor and a 0.1µF ceramic capacitor in parallel.
MODELS LIST
.
o
N
t
c
u
d
o
r
P
)
1
(
t
u
p
t
u
O
e
g
a
t
l
o
V
.
n
i
M
d
a
o
L
d
a
o
L
.
x
a
M
t
u
p
t
u
O
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
)
p
-
p
V
(
)
2
(
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
n
o
i
t
c
e
v
n
o
C
@
M
F
C
1
.
7
1
@
2
1
-
0
5
2
M
W
T
V
2
1
+A
0A
7
6
.
6
1A
4
8
.
0
2%
5
±V
m
0
2
1W
0
5
2
9
1
-
0
5
2
M
W
T
V
9
1
+A
0A
3
5
.
0
1A
6
1
.
3
1%
5
±V
m
0
9
1W
0
5
2
4
2
-
0
5
2
M
W
T
V
4
2
+A
0A
4
3
.
8A
2
4
.
0
1%
5
±V
m
0
4
2W
0
5
2
8
2
-
0
5
2
M
W
T
V
8
2
+A
0A
4
1
.
7A
3
9
.
8%
5
±V
m
0
8
2W
0
5
2
0
3
-
0
5
2
M
W
T
V
0
3
+A
0A
7
6
.
6A
4
3
.
8%
5
±V
m
0
0
3W
0
5
2
6
3
-
0
5
2
M
W
T
V
6
3
+A
0A
6
5
.
5A
5
9
.
6%
5
±V
m
0
6
3W
0
5
2
0
4
-
0
5
2
M
W
T
V
0
4
+A
0A
5A
5
2
.
6%
5
±V
m
0
0
4W
0
5
2
8
4
-
0
5
2
M
W
T
V
8
4
+A
0A
7
1
.
4A
1
2
.
5%
5
±V
m
0
8
4W
0
5
2


Similar Part No. - TWM250

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM200-12 TRUMPOWER-TWM200-12 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM200-16 TRUMPOWER-TWM200-16 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM200-19 TRUMPOWER-TWM200-19 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM200-20 TRUMPOWER-TWM200-20 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
More results

Similar Description - TWM250

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TWM180 TRUMPOWER-TWM180 Datasheet
75Kb / 2P
180W Medical Grade AC/DC Power Supplies
logo
Wall Industries,Inc.
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
Medical AC/DC Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
Medical AC/DC Power Supplies
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM360 TRUMPOWER-TWM360 Datasheet
1Mb / 4P
360W Medical Grade AC/DC Power Supplies
TWM500 TRUMPOWER-TWM500 Datasheet
415Kb / 4P
500W Medical Grade AC/DC Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
280W Medical and ITE Grade AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com