Electronic Components Datasheet Search
  English  ▼

X  

W3 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # W3
Description  10 & 18 Watts Wall Mount Adapters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

W3 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  W3 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
W3 Series
10 & 18 Watts
Wall Mount Adapters
T
TRUMPower
• USA plug
• 90 to 264 VAC input
• High reliability
• Low ripple and noise
• Over voltage protection
• Over load protection
• Short circuit protection
• 3.15” x 2.16” x 1.26” case
• Low cost
FSP010-1AD301
FSP018-1AD301
W3-05-10
W3-12-18
5VDC
12VDC
0-2A
0-1.5A
50mV
120mV
65%
70%
Product No.
Model No.
Output Voltage
Output Current
Ripple & Noise
Efficiency
SPECIFICATIONS All Specifications are typical at nominal input, full load @ 25°C unless otherwise stated.
Input Voltage
90VAC to 264VAC full range, 47Hz to 63Hz
AC Plug
2-prong USA type
DC Output
See table
DC Output Plug
5.5 x 2.1 x 9.5 mm female barrel, center positive
Contact factory for other types.
Inrush Current
15A peak max. @115VAC;
30A peak max. @230VAC, cold start @25°C
Input Current
0.5A RMS max.
Line Regulation
±1%
Load Regulation
±5%
Ripple and Noise
See table
Efficiency
See table
Transient Response
Output recovers in less than 1ms following a 25%
load change
Over Voltage Protection
Set @ 112% to 160% of the nominal output
Over Load Protection
Set @ 110% to 130% of the rated max. load
Short Circuit Protection
Output short circuit (load < 0.1 ohm) protected,
auto-recovery
Hold-up Time
9ms min. @ full load, 115VAC/60Hz
Temperature Range
Operating: 0°C to +40°C
Storage: -30°C to +80°C
Temperature Coefficient
±0.04%/°C max.
Relative Humidity
5% to 95% RH, non-condensing
Agency Approvals
UL1950, CB (per EN 60950)
EMI Standards
FCC Class B, CISPR 22 (EN55022) Class B
MTBF
>100K hours per MIL-HDBK-217F @25°C, full load
Case Material
Black plastic, UL94V-0 rated
Weight
6 oz.
Tumbler Technologies + TRUMPower • California, USA • (650) 988-6616 • sales@trumpower.com • www.TRUMPower.com
#W3-1002


Similar Description - W3

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
W3-05-10 TRUMPOWER-W3-05-10 Datasheet
33Kb / 1P
10 & 18 Watts Wall Mount Adapters
TRW24 TRUMPOWER-TRW24 Datasheet
76Kb / 1P
12~24 Watts AC/DC Wall Mount Power Adapters
TRW30 TRUMPOWER-TRW30 Datasheet
77Kb / 1P
30 Watts AC/DC Wall Mount Power Adapters
TVW7 TRUMPOWER-TVW7 Datasheet
128Kb / 1P
5~7 Watts Wall Mount Adapters with USB Charger
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
Medical Grade 15W Wall Mount Power Adapters
TXM25 TRUMPOWER-TXM25_16 Datasheet
239Kb / 2P
Medical Grade 25W Wall Mount Power Adapters
logo
Qualtek Electronics Cor...
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
18 Watts Single Output Wall Mount
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
10 Watts Single Output Wall Mount
logo
Wall Industries,Inc.
WMAPU10 WALL-WMAPU10 Datasheet
282Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies
logo
Qualtek Electronics Cor...
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
18 Watts Single Output Wall Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com